Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RURG3060 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RURG3060
Description  30A, 600V Ultrafast Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RURG3060 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RURG3060 Datasheet HTML 1Page - Fairchild Semiconductor RURG3060 Datasheet HTML 2Page - Fairchild Semiconductor RURG3060 Datasheet HTML 3Page - Fairchild Semiconductor RURG3060 Datasheet HTML 4Page - Fairchild Semiconductor RURG3060 Datasheet HTML 5Page - Fairchild Semiconductor RURG3060 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2013 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
RURG3060_F085 Rev. C1
October 2013
RURG3060_F085
30A, 600V Ultrafast Rectifier
Features
• High Speed Switching ( trr=60ns(Typ.) @ IF=30A )
• Low Forward Voltage( VF=1.5V(Max.) @ IF=30A )
• Avalanche Energy Rated
• AEC-Q101 Qualified
Applications
• Automotive DCDC converter
• Automotive On Board Charger
• Switching Power Supply
• Power Switching Circuits
30A, 600V Ultrafast Rectifier
The RURG3060_F085 is an ultrafast diode with soft
recovery characteristics (trr< 80ns). It has low forward
voltage drop and is silicon nitride passivated ion-
implanted epitaxial planar construction.
This device is intended for use as a freewheeling/clamp-
ing diode and rectifier in a variety of switching power
supplies and other power switching applications. Its low
stored charge and ultrafast recovery with soft recovery
characteristic minimizes ringing and electrical noise in
many power switching circuits, thus reducing power loss
in the switching transistors.
Pin Assignments
1. Cathode
2. Anode
TO-247-2L
1
1. Cathode
2. Anode
2
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics T
C = 25°C unless otherwise noted
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VRRM
Peak Repetitive Reverse Voltage
600
V
VRWM
Working Peak Reverse Voltage
600
V
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
@ TC = 25°C30
A
IFSM
Non-repetitive Peak Surge Current (Halfwave 1 Phase 50Hz)
90
A
EAVL
Avalanche Energy (1A, 40mH)
20
mJ
TJ, TSTG
Operating Junction and Storage Temperature
- 55 to +175
°C
Symbol
Parameter
Max
Units
RθJC
Maximum Thermal Resistance, Junction to Case
0.7
°C/W
RθJA
Maximum Thermal Resistance, Junction to Ambient
45
°C/W
Device Marking
Device
Package
Tube
Quantity
RURG3060
RURG3060_F085
TO-247
-
30


Similar Part No. - RURG3060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG3060 FAIRCHILD-RURG3060 Datasheet
348Kb / 4P
   30A, 600V Ultrafast Diode
logo
Intersil Corporation
RURG3060 INTERSIL-RURG3060 Datasheet
39Kb / 3P
   30A, 600V Ultrafast Diode
logo
Thinki Semiconductor Co...
RURG3060 THINKISEMI-RURG3060 Datasheet
1Mb / 3P
   30.0 Ampere,600Volt SwitchMode Single Fast Recovery Epitaxial Diode
logo
ON Semiconductor
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
   Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
Fairchild Semiconductor
RURG3060CC FAIRCHILD-RURG3060CC Datasheet
342Kb / 4P
   30A, 400V - 600V Ultrafast Dual Diodes
More results

Similar Description - RURG3060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG3060CC_F085 FAIRCHILD-RURG3060CC_F085 Datasheet
256Kb / 6P
   30A, 600V Ultrafast Rectifier
logo
KODENSHI_AUK CORP.
SFN30W600W2 KODENSHI-SFN30W600W2 Datasheet
241Kb / 5P
   600V, 30A ULTRAFAST RECTIFIER
logo
Fairchild Semiconductor
RURG3060 FAIRCHILD-RURG3060 Datasheet
348Kb / 4P
   30A, 600V Ultrafast Diode
logo
Intersil Corporation
RURP3060 INTERSIL-RURP3060 Datasheet
39Kb / 3P
   30A, 600V Ultrafast Diode
logo
Fairchild Semiconductor
RURP3060 FAIRCHILD-RURP3060 Datasheet
339Kb / 4P
   30A, 600V Ultrafast Diode
logo
Intersil Corporation
RURG3060 INTERSIL-RURG3060 Datasheet
39Kb / 3P
   30A, 600V Ultrafast Diode
logo
Digitron Semiconductors
MUR3020WT DIGITRON-MUR3020WT Datasheet
331Kb / 5P
   30A ULTRAFAST RECTIFIER
MUR3005PT DIGITRON-MUR3005PT Datasheet
342Kb / 5P
   30A ULTRAFAST RECTIFIER
logo
Fairchild Semiconductor
RURG3040CC FAIRCHILD-RURG3040CC Datasheet
342Kb / 4P
   30A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
   30A, 400V - 600V Ultrafast Dual Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com