Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RURG3060 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RURG3060
Description  30A, 600V Ultrafast Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RURG3060 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RURG3060 Datasheet HTML 1Page - Fairchild Semiconductor RURG3060 Datasheet HTML 2Page - Fairchild Semiconductor RURG3060 Datasheet HTML 3Page - Fairchild Semiconductor RURG3060 Datasheet HTML 4Page - Fairchild Semiconductor RURG3060 Datasheet HTML 5Page - Fairchild Semiconductor RURG3060 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
RURG3060_F085 Rev. C1
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 2. Typical Reverse Current vs.
Reverse Voltage
Figure 3.Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 5. Typical Reverse Recovery
Current vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
0.5
1.0
1.5
2.0
0.1
1
10
100
T
C = 125
oC
T
C = 175
oC
Forward Voltage, V
F [V]
T
C = 25
oC
400
0
100
200
300
400
500
600
1E-4
1E-3
0.01
0.1
1
10
100
1000
TC = 175
oC
T
C = 25
oC
T
C = 125
oC
Reverse Voltage, V
R [V]
0.1
1
10
100
100
200
300
400
Typical Capacitance
at 10V = 103pF
Reverse Voltage, V
R [V]
100
200
300
400
500
0
50
100
150
200
250
T
C = 175
oC
I
F = 30A
T
C = 25
oC
TC = 125
oC
di/dt [A/μs]
100
200
300
400
500
0
5
10
15
20
25
30
35
T
C = 125
oC
I
F = 30A
T
C = 25
oC
TC = 175
oC
di/dt [A/μs]
25
50
75
100
125
150
175
0
10
20
30
40
Case temperature, T
C [
oC]


Similar Part No. - RURG3060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG3060 FAIRCHILD-RURG3060 Datasheet
348Kb / 4P
   30A, 600V Ultrafast Diode
logo
Intersil Corporation
RURG3060 INTERSIL-RURG3060 Datasheet
39Kb / 3P
   30A, 600V Ultrafast Diode
logo
Thinki Semiconductor Co...
RURG3060 THINKISEMI-RURG3060 Datasheet
1Mb / 3P
   30.0 Ampere,600Volt SwitchMode Single Fast Recovery Epitaxial Diode
logo
ON Semiconductor
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
   Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
Fairchild Semiconductor
RURG3060CC FAIRCHILD-RURG3060CC Datasheet
342Kb / 4P
   30A, 400V - 600V Ultrafast Dual Diodes
More results

Similar Description - RURG3060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG3060CC_F085 FAIRCHILD-RURG3060CC_F085 Datasheet
256Kb / 6P
   30A, 600V Ultrafast Rectifier
logo
KODENSHI_AUK CORP.
SFN30W600W2 KODENSHI-SFN30W600W2 Datasheet
241Kb / 5P
   600V, 30A ULTRAFAST RECTIFIER
logo
Fairchild Semiconductor
RURG3060 FAIRCHILD-RURG3060 Datasheet
348Kb / 4P
   30A, 600V Ultrafast Diode
logo
Intersil Corporation
RURP3060 INTERSIL-RURP3060 Datasheet
39Kb / 3P
   30A, 600V Ultrafast Diode
logo
Fairchild Semiconductor
RURP3060 FAIRCHILD-RURP3060 Datasheet
339Kb / 4P
   30A, 600V Ultrafast Diode
logo
Intersil Corporation
RURG3060 INTERSIL-RURG3060 Datasheet
39Kb / 3P
   30A, 600V Ultrafast Diode
logo
Digitron Semiconductors
MUR3020WT DIGITRON-MUR3020WT Datasheet
331Kb / 5P
   30A ULTRAFAST RECTIFIER
MUR3005PT DIGITRON-MUR3005PT Datasheet
342Kb / 5P
   30A ULTRAFAST RECTIFIER
logo
Fairchild Semiconductor
RURG3040CC FAIRCHILD-RURG3040CC Datasheet
342Kb / 4P
   30A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
   30A, 400V - 600V Ultrafast Dual Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com