Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRG3060_F085 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RHRG3060_F085
Description  30A, 600V Hyperfast Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRG3060_F085 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RHRG3060_F085 Datasheet HTML 1Page - Fairchild Semiconductor RHRG3060_F085 Datasheet HTML 2Page - Fairchild Semiconductor RHRG3060_F085 Datasheet HTML 3Page - Fairchild Semiconductor RHRG3060_F085 Datasheet HTML 4Page - Fairchild Semiconductor RHRG3060_F085 Datasheet HTML 5Page - Fairchild Semiconductor RHRG3060_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
RHRG3060_F085 Rev. C1
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 2. Typical Reverse Current vs.
Reverse Voltage
Figure 3.Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 5. Typical Reverse Recovery
Current vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
0.5
1.0
1.5
2.0
2.5
0.1
1
10
100
T
C = 125
oC
T
C = 175
oC
Forward Voltage, V
F [V]
TC = 25
oC
100
200
300
400
500
600
1E-4
1E-3
0.01
0.1
1
10
100
1000
T
C = 175
oC
TC = 25
oC
TC = 125
oC
Reverse Voltage, V
R [V]
0.1
1
10
100
0
100
200
300
Typical Capacitance
at 10V = 93pF
Reverse Voltage, V
R [V]
100
200
300
400
500
0
50
100
150
200
TC = 175
oC
I
F = 30A
T
C = 25
oC
TC = 125
oC
di/dt [A/μs]
100
200
300
400
500
0
5
10
15
20
25
30
T
C = 125
oC
I
F = 30A
TC = 25
oC
T
C = 175
oC
di/dt [A/μs]
25
50
75
100
125
150
175
0
30
60
90
120
Case temperature, T
C [
oC]


Similar Part No. - RHRG3060_F085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
RHRG3060-F085 ONSEMI-RHRG3060-F085 Datasheet
5Mb / 7P
   Hyperfast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
More results

Similar Description - RHRG3060_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP3060 FAIRCHILD-RHRP3060_05 Datasheet
669Kb / 5P
   30A, 600V Hyperfast Diodes
RHRP3040 FAIRCHILD-RHRP3040 Datasheet
341Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRG3040 INTERSIL-RHRG3040 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
RHRP3040 INTERSIL-RHRP3040 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
logo
Fairchild Semiconductor
RHRG3040 FAIRCHILD-RHRG3040 Datasheet
342Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
RHRG3040CC FAIRCHILD-RHRG3040CC Datasheet
339Kb / 5P
   30A, 400V - 600V Hyperfast Dual Diodes
logo
Intersil Corporation
RHRG3040CC INTERSIL-RHRG3040CC Datasheet
47Kb / 4P
   30A, 400V - 600V Hyperfast Dual Diodes
logo
Diodes Incorporated
DSR8F600 DIODES-DSR8F600 Datasheet
548Kb / 6P
   600V 8A HYPERFAST RECTIFIER
logo
STMicroelectronics
STTH3006TPI STMICROELECTRONICS-STTH3006TPI Datasheet
55Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
June 2003 - Ed: 1A
logo
Diodes Incorporated
DSR8F600P DIODES-DSR8F600P Datasheet
830Kb / 5P
   600V 8A HYPERFAST RECTIFIER
March 2022 Rev. 9 - 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com