Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRG1560CC_F085 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # RHRG1560CC_F085
Description  15A, 600V Hyperfast Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRG1560CC_F085 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  RHRG1560CC_F085 Datasheet HTML 1Page - Fairchild Semiconductor RHRG1560CC_F085 Datasheet HTML 2Page - Fairchild Semiconductor RHRG1560CC_F085 Datasheet HTML 3Page - Fairchild Semiconductor RHRG1560CC_F085 Datasheet HTML 4Page - Fairchild Semiconductor RHRG1560CC_F085 Datasheet HTML 5Page - Fairchild Semiconductor RHRG1560CC_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.fairchildsemi.com
RHRG1560CC_F085 Rev. C1
Electrical Characteristics T
C = 25°C unless otherwise noted
Notes:
1. Pulse : Test Pulse width = 300
μs, Duty Cycle = 2%
2. Guaranteed by design
Test Circuit and Waveforms
Symbol
Parameter
Conditions
Min. Typ.
Max Units
IR
Instantaneous Reverse Current VR = 600V
TC = 25 °C
-
-
100
uA
TC = 175 °C
-
-
1000
uA
VFM1
Instantaneous Forward Voltage IF = 15A
TC = 25 °C
TC = 175 °C
-
-
1.86
1.28
2.3
1.6
V
V
trr2
Reverse Recovery Time
IF =1A, di/dt = 100A/μs,
VCC= 390V
TC = 25 °C
-
25
50
ns
IF =15A, di/dt = 100A/μs,
VCC= 390V
TC = 25 °C
TC = 175 °C
-
-
26
137
55
-
ns
ns
ta
tb
Qrr
Reverse Recovery Time
Reverse Recovery Charge
IF =15A, di/dt = 100A/μs,
VCC= 390V
TC = 25 °C-
-
-
15
11
21
-
-
-
ns
ns
nC
trr Test Circuit
trr Waveforms and Definitions
Avalanche Energy Test Circuit
Avalanche Current and Voltage Waveforms
RG
L
VDD
IGBT
CURRENT
SENSE
DUT
VGE
t1
t2
VGE AMPLITUDE AND
t1 AND t2 CONTROL IF
RG CONTROL dIF/dt
+
-
dt
dIF
IF
trr
ta
tb
0
IRM
0.25 IRM
DUT
CURRENT
SENSE
+
LR
VDD
R < 0.1Ω
EAVL = 1/2LI
2 [VR(AVL)/(VR(AVL) - VDD)]
Q1 = IGBT (BVCES > DUT VR(AVL))
-
VDD
Q1
I = 1A
L = 40mH
IV
t0
t1
t2
IL
VAVL
t
IL


Similar Part No. - RHRG1560CC_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG1560CC FAIRCHILD-RHRG1560CC Datasheet
358Kb / 5P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Intersil Corporation
RHRG1560CC INTERSIL-RHRG1560CC Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
More results

Similar Description - RHRG1560CC_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG1560_F085 FAIRCHILD-RHRG1560_F085 Datasheet
399Kb / 6P
   15A, 600V Hyperfast Rectifier
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
RHRP1540 FAIRCHILD-RHRP1540 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRG1540CC INTERSIL-RHRG1540CC Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG1540CC FAIRCHILD-RHRG1540CC Datasheet
358Kb / 5P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Diodes Incorporated
DSR8F600 DIODES-DSR8F600 Datasheet
548Kb / 6P
   600V 8A HYPERFAST RECTIFIER
logo
STMicroelectronics
STTH3006TPI STMICROELECTRONICS-STTH3006TPI Datasheet
55Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
June 2003 - Ed: 1A
logo
Diodes Incorporated
DSR8F600P DIODES-DSR8F600P Datasheet
830Kb / 5P
   600V 8A HYPERFAST RECTIFIER
March 2022 Rev. 9 - 3
logo
Fairchild Semiconductor
RHRG5060_F085 FAIRCHILD-RHRG5060_F085 Datasheet
416Kb / 6P
   50A, 600V Hyperfast Rectifier
logo
STMicroelectronics
STTH506TTI STMICROELECTRONICS-STTH506TTI Datasheet
58Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com