Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9R1560G_F085 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ISL9R1560G_F085
Description  15A, 600V Stealth Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9R1560G_F085 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ISL9R1560G_F085 Datasheet HTML 1Page - Fairchild Semiconductor ISL9R1560G_F085 Datasheet HTML 2Page - Fairchild Semiconductor ISL9R1560G_F085 Datasheet HTML 3Page - Fairchild Semiconductor ISL9R1560G_F085 Datasheet HTML 4Page - Fairchild Semiconductor ISL9R1560G_F085 Datasheet HTML 5Page - Fairchild Semiconductor ISL9R1560G_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.fairchildsemi.com
ISL9R1560G2_F085 Rev. C1
Electrical Characteristics T
C = 25°C unless otherwise noted
Notes:
1. Pulse : Test Pulse width = 300
μs, Duty Cycle = 2%
2. Guaranteed by design
Test Circuit and Waveforms
Symbol
Parameter
Conditions
Min. Typ.
Max Units
IR
Instantaneous Reverse Current VR = 600V
TC = 25 °C
-
-
100
uA
TC = 175 °C-
-
2
mA
VFM1
Instantaneous Forward Voltage IF = 15A
TC = 25 °C
TC = 175 °C
-
-
1.8
1.35
2.2
2
V
V
trr2
Reverse Recovery Time
IF =1A, di/dt = 200A/μs,
VCC= 390V
TC = 25 °C
-
20
30
ns
IF =15A, di/dt = 200A/μs,
VCC= 390V
TC = 25 °C
TC = 175 °C
-
-
26
114
40
-
ns
ns
ta
tb
Qrr
Reverse Recovery Time
Reverse Recovery Charge
IF =15A, di/dt = 200A/μs,
VCC= 390V
TC = 25 °C-
-
-
15
11
40
-
-
-
ns
ns
nC
EAVL
Avalanche Energy
IAV=1A,L = 40mH
20
-
-
mJ
rr Test Circuit
rr Waveforms and Definitions
Waveforms
RG
L
VDD
MOSFET
CURRENT
SENSE
DUT
VGE
t1
t2
VGE AMPLITUDE AND
t1 AND t2 CONTROL IF
RG CONTROL dIF/dt
+
-
dt
d
i
F
IF
trr
ta
tb
0
IRM
0.25 IRM
DUT
CURRENT
SENSE
+
LR
VDD
R < 0.1
EAVL = 1/2LI
2 [V
R(AVL) /(VR(AVL) - VDD)]
Q1 = IGBT (BVCES > DUT VR(AVL))
-
VDD
Q1
I = 1A
L = 40mH
VDD = 50V
IV
t0
t1
t2
IL
VAVL
t
IL
t
t
Avalanche Energy Test Circuit
Avalanche Current and Voltage


Similar Part No. - ISL9R1560G_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9R1560G2 FAIRCHILD-ISL9R1560G2 Datasheet
167Kb / 6P
   15A, 600V Stealth??Diode
ISL9R1560G2 FAIRCHILD-ISL9R1560G2 Datasheet
510Kb / 6P
   30A, 600V Stealth Rectifier
More results

Similar Description - ISL9R1560G_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9R1560S3S FAIRCHILD-ISL9R1560S3S Datasheet
131Kb / 7P
   15A, 600V Stealth??Diode
ISL9R1560PF2 FAIRCHILD-ISL9R1560PF2 Datasheet
138Kb / 6P
   15A, 600V Stealth Diode
ISL9R1560G2 FAIRCHILD-ISL9R1560G2 Datasheet
167Kb / 6P
   15A, 600V Stealth??Diode
ISL9K1560G3 FAIRCHILD-ISL9K1560G3 Datasheet
146Kb / 6P
   15A, 600V Stealth??Dual Diode
ISL9R3060G_F085 FAIRCHILD-ISL9R3060G_F085 Datasheet
510Kb / 6P
   30A, 600V Stealth Rectifier
RURP1560_F085 FAIRCHILD-RURP1560_F085 Datasheet
472Kb / 6P
   15A, 600V Ultrafast Rectifier
RHRG1560CC_F085 FAIRCHILD-RHRG1560CC_F085 Datasheet
383Kb / 6P
   15A, 600V Hyperfast Rectifier
logo
Silicon Supplies
MURC1560 SS-MURC1560 Datasheet
1Mb / 4P
   600V 15A 50ns Rectifier
Rev 1.0 27/12/22
logo
Fairchild Semiconductor
RHRG1560_F085 FAIRCHILD-RHRG1560_F085 Datasheet
399Kb / 6P
   15A, 600V Hyperfast Rectifier
ISL9R460PF2 FAIRCHILD-ISL9R460PF2_09 Datasheet
671Kb / 7P
   4A, 600V Stealth??Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com