Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSV340AF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSV340AF
Description  Low Forward Voltage Drop: 0.5 V Maximum at 3 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSV340AF Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSV340AF Datasheet HTML 1Page - Fairchild Semiconductor FSV340AF Datasheet HTML 2Page - Fairchild Semiconductor FSV340AF Datasheet HTML 3Page - Fairchild Semiconductor FSV340AF Datasheet HTML 4Page - Fairchild Semiconductor FSV340AF Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSV330AF / FSV340AF Rev. 1.1
August 2015
FSV330AF / FSV340AF
Schottky Barrier Rectifier
Features
• Low Forward Voltage Drop: 0.5 V Maximum at 3 A, TA = 25°C
• Ultra Thin Profile - Maximum Height of 1.0 mm
• High Surge Capacity
• UL Flammability 94V-0 Classification
•MSL 1
• RoHS Compliant / Green Mold Compound
• Industrial Device Qualified per AEC-Q101 Standards.
* see authorized use policy
Ordering Information
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Part Number
Top Mark
Package
Packing Method
FSV330AF
FSV330AF
DO-214AD (SMAF)
Tape and Reel
FSV340AF
FSV340AF
DO-214AD (SMAF)
Tape and Reel
Symbol
Parameter
Value
Unit
FSV330AF
FSV340AF
VRRM
Recurrent Peak Reverse Voltage
30
40
V
VRMS
RMS Reverse Voltage
21
28
V
VR
DC Blocking Voltage
30
40
V
IF(AV)
Average Forward Current
3
A
IFSM
Peak Forward Surge Current: 8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
80
A
TJ
Operating Junction Temperature Range
-55 to +150
°C
TSTG
Storage Temperature Range
-55 to +150
°C
1
2
Cathode
Anode
SMAF
Band Indicates Cathode


Similar Part No. - FSV340AF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSV340FP ONSEMI-FSV340FP Datasheet
159Kb / 5P
   Schottky Barrier Rectifier, Surface Mount
June, 2020 - Rev. 6
More results

Similar Description - FSV340AF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSV240AF FAIRCHILD-FSV240AF Datasheet
114Kb / 5P
   Low Forward Voltage Drop: 0.5 V Maximum at 2 A
FSV530AF FAIRCHILD-FSV530AF Datasheet
111Kb / 5P
   Low Forward Voltage Drop: 0.54 V Maximum at 5 A
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
   Low forward voltage drop
logo
Unisonic Technologies
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
   Low forward voltage drop
logo
Vishay Siliconix
VS-ETH1506SHM3 VISHAY-VS-ETH1506SHM3 Datasheet
126Kb / 6P
   Low forward voltage drop
Revision: 10-Jul-15
logo
Littelfuse
MBR10150CT LITTELFUSE-MBR10150CT Datasheet
596Kb / 3P
   Low forward voltage drop
MBRB2060CT LITTELFUSE-MBRB2060CT Datasheet
592Kb / 3P
   Low forward voltage drop
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com