Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFPF08S60ST Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FFPF08S60ST
Description  8 A, 600 V STEALTHTM II Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF08S60ST Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FFPF08S60ST_14 Datasheet HTML 1Page - Fairchild Semiconductor FFPF08S60ST_14 Datasheet HTML 2Page - Fairchild Semiconductor FFPF08S60ST_14 Datasheet HTML 3Page - Fairchild Semiconductor FFPF08S60ST_14 Datasheet HTML 4Page - Fairchild Semiconductor FFPF08S60ST_14 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2011 Fairchild Semiconductor Corporation
2
www.fairchildsemi.com
FFPF08S60ST Rev. C2
Electrical Characteristics T
C = 25°C unless otherwise noted
Notes:
1. Pulse : Test Pulse width = 300
s, Duty Cycle = 2%
Test Circuit and Waveforms
Parameter
Conditions
Min.
Typ.
Max
Unit
VF1
IF = 8 A
IF = 8 A
TC = 25 C
TC = 125 C
-
-
2.1
1.6
2.6
-
V
V
IR1
VR = 600 V
VR = 600 V
TC = 25 C
TC = 125 C
-
-
-
-
100
500
A
A
trr
IF =1 A, diF/dt = 100 A/s, VR= 30 V
TC = 25 C-
-
25
ns
trr
Irr
S factor
Qrr
IF =8 A, diF/dt = 200 A/s, VR = 390 V
TC = 25 C-
-
-
-
19
2.2
0.6
21
30
-
-
-
ns
A
nC
trr
Irr
S factor
Qrr
IF =8 A, diF/dt = 200 A/s, VR= 390 V
TC = 125 C-
-
-
-
58
4.3
1.3
125
-
-
-
-
ns
A
nC
WAVL
Avalanche Energy (L = 40 mH)
20
-
-
mJ
Figure 1. Diode Reverse Recovery Test Circuit & Waveform
Figure 2. Unclamped Inductive Switching Test Circuit & Waveform


Similar Part No. - FFPF08S60ST_14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
More results

Similar Description - FFPF08S60ST_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFD08S60S-F085 ONSEMI-FFD08S60S-F085 Datasheet
410Kb / 5P
   Rectifier – STEALTH II 8 A, 600 V
January, 2021 - Rev. 4
logo
Fairchild Semiconductor
FFP08S60S FAIRCHILD-FFP08S60S_07 Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF15S60S FAIRCHILD-FFPF15S60S Datasheet
241Kb / 5P
   15A, 600V STEALTHTM II Rectifier
logo
Power Integrations, Inc...
QH08TZ600 POWERINT-QH08TZ600 Datasheet
113Kb / 7P
   600 V, 8 A H-Series PFC Diode
QH08TZ600 POWERINT-QH08TZ600_V01 Datasheet
228Kb / 9P
   600 V, 8 A H-Series PFC Diode
November 2015
LXA08T600 POWERINT-LXA08T600 Datasheet
246Kb / 10P
   600 V, 8 A X-Series PFC Diode
LQA08TC600 POWERINT-LQA08TC600 Datasheet
135Kb / 7P
   600 V, 8 A Q-Series PFC Diode
LXA08T600 POWERINT-LXA08T600_V01 Datasheet
490Kb / 8P
   600 V, 8 A X-Series PFC Diode
January 2016
logo
Fairchild Semiconductor
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF60SB60DS FAIRCHILD-FFPF60SB60DS Datasheet
264Kb / 5P
   4A, 600V STEALTHTM II Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com