Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3301-20-LGIZ Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI3301-20-LGIZ
Description  8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3301-20-LGIZ Datasheet(HTML) 4 Page - Vicor Corporation

  PI3301-20-LGIZ Datasheet HTML 1Page - Vicor Corporation PI3301-20-LGIZ Datasheet HTML 2Page - Vicor Corporation PI3301-20-LGIZ Datasheet HTML 3Page - Vicor Corporation PI3301-20-LGIZ Datasheet HTML 4Page - Vicor Corporation PI3301-20-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3301-20-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3301-20-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3301-20-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3301-20-LGIZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Cool-Power®
Rev 2.0
vicorpower.com
Page 4 of 42
02/2016
800 927.9474
PI33xx-x0
Absolute Maximum Ratings
Functional Block Diagram
Notes: At 25°C ambient temperature. Stresses beyond these limits may cause permanent damage to the device. Operation at these conditions or conditions
beyond those listed in the Electrical Specifications table is not guaranteed. All voltage nodes are referenced to PGND unless otherwise noted. Test conditions
are per the specifications within the individual product electrical characteristics.
Simplified Block Diagram (I2C pins SCL, SDA, ADR0, and ADR1 only active for PI33xx-20 device versions)
Name
Rating
VIN
-0.7 V to 36 V
VS1
-0.7 to 36 V, -4 V for 5 ns
SGND
100 mA
PGD, SYNCO, SYNCI, EN, EAO, ADJ, TRK, ADR1, ADR2, SCL, SDA, REM
-0.3 V to 5.5 V / 5 mA
VOUT
PI3311-x0-LGMZ
-0.3 V to 5.5 V
PI3318-x0-LGMZ
-0.5 V to 9 V
PI3312-x0-LGMZ
-0.8 V to 13 V
PI3301-x0-LGMZ
-1.0 V to 18 V
PI3302-x0-LGMZ
-1.5 V to 21 V
PI3303-x0-LGMZ
-3.6 V to 25 V
PI3305-x0-LGMZ
-4.5 V to 25 V
Storage Temperature
-65°C to 150°C
Operating Junction Temperature
-55°C to 125°C
Soldering Temperature for 20 seconds
245°C
ESD Rating
2 kV HBM


Similar Part No. - PI3301-20-LGIZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI3301-20-LGIZ ETC2-PI3301-20-LGIZ Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI3301-20-LGIZ VICOR-PI3301-20-LGIZ Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
More results

Similar Description - PI3301-20-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3318-00-LGIZ VICOR-PI3318-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-20-LGIZ VICOR-PI3305-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3303-00-LGIZ VICOR-PI3303-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3305-00-LGIZ VICOR-PI3305-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-00-LGIZ VICOR-PI3311-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-00-LGIZ VICOR-PI3312-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3312-20-LGIZ VICOR-PI3312-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3301-00-LGIZ VICOR-PI3301-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3302-20-LGIZ VICOR-PI3302-20-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
PI3311-20-LGIZ VICOR-PI3311-20-LGIZ Datasheet
3Mb / 26P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com