Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS66WVE1M16EALL Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS66WVE1M16EALL
Description  Asynchronous and page mode interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVE1M16EALL Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS66WVE1M16EALL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVE1M16EALL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
IS66WVE1M16EALL/BLL/CLL
IS67WVE1M16EALL/BLL/CLL
Rev. 0D | November 2014
www.issi.com - SRAM@issi.com
General Description
PSRAM products are high-speed, CMOS pseudo-static random access memory developed
for low-power, portable applications. The 16Mb DRAM core device is organized
as 1 Meg x 16 bits. These devices include the industry-standard, asynchronous memory
interface found on other low-power SRAM or pseudo-SRAM (PSRAM) offerings.
For seamless operation on an asynchronous memory bus, PSRAM products incorporated a
transparent self-refresh mechanism. The hidden refresh requires no additional support
from the system memory controller and has no significant impact on device read/write
performance.
A user-accessible configuration registers (CR) defines how the PSRAM device performs on-
chip refresh and whether page mode read accesses are permitted. This register is
automatically loaded with a default setting during power-up and can be updated at any
time during normal operation.
Special attention has been focused on current consumption during self-refresh. This
product includes two system-accessible mechanisms to minimize refresh current.
Setting sleep enable (ZZ#) to LOW enables one of two low-power modes: partial-array
refresh (PAR) or deep power-down (DPD). PAR limits refresh to only that part of the
DRAM array that contains essential data. DPD halts refresh operation altogether and is
used when no vital information is stored in the device. The system-configurable refresh
mechanisms are accessed through the CR.
[ Functional Block Diagram]
Address
Decode Logic
Configuration Register
(CR)
1M X 16
DRAM
Memory Array
Input
/Output
Mux
And
Buffers
DQ0~DQ15
A0~A19
Control
Logic
CE#
WE#
OE#
LB#
UB#
ZZ#


Similar Part No. - IS66WVE1M16EALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE1M16EALL-70BLI ISSI-IS66WVE1M16EALL-70BLI Datasheet
688Kb / 34P
   16Mb Async/Page PSRAM
More results

Similar Description - IS66WVE1M16EALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE2M16BLL ISSI-IS66WVE2M16BLL Datasheet
519Kb / 30P
   Asynchronous and page mode interface
IS66WVE2M16ALL ISSI-IS66WVE2M16ALL Datasheet
589Kb / 30P
   Asynchronous and page mode interface
IS66WVE2M16EALL ISSI-IS66WVE2M16EALL Datasheet
622Kb / 31P
   Asynchronous and page mode interface
IS66WVE51216EALL ISSI-IS66WVE51216EALL Datasheet
624Kb / 31P
   Asynchronous and page mode interface
IS66WVE4M16EALL ISSI-IS66WVE4M16EALL Datasheet
663Kb / 32P
   Asynchronous and page mode interface
logo
Emerging Memory & Logic...
EM7643SU16H EMLSI-EM7643SU16H Datasheet
130Kb / 11P
   4M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H EMLSI-EM7323SU16H Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
logo
Infineon Technologies A...
HYE18P16161AC INFINEON-HYE18P16161AC Datasheet
641Kb / 33P
   16M Asynchronous/Page CellularRAM
V2.0, December 2003
logo
Micross Components
MYX29W640GB70ZABG MICROSS-MYX29W640GB70ZABG Datasheet
789Kb / 56P
   Asynchronous random/page read
logo
Infineon Technologies A...
HYE18P32161AC INFINEON-HYE18P32161AC Datasheet
641Kb / 33P
   32M Asynchronous/Page CellularRAM
V2.0, December 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com