Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX-25T-F3 Datasheet(PDF) 11 Page - Hirose Electric

Part # NX-25T-F3
Description  I/O Card Interface Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

NX-25T-F3 Datasheet(HTML) 11 Page - Hirose Electric

Back Button NX-25T-F3 Datasheet HTML 2Page - Hirose Electric NX-25T-F3 Datasheet HTML 3Page - Hirose Electric NX-25T-F3 Datasheet HTML 4Page - Hirose Electric NX-25T-F3 Datasheet HTML 5Page - Hirose Electric NX-25T-F3 Datasheet HTML 6Page - Hirose Electric NX-25T-F3 Datasheet HTML 7Page - Hirose Electric NX-25T-F3 Datasheet HTML 8Page - Hirose Electric NX-25T-F3 Datasheet HTML 9Page - Hirose Electric NX-25T-F3 Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 10 page
background image
B18
sMaterials
Item
Material
Finish
Remarks
Receptacle
Plug unit
Insulator
Synthetic resin
Color : Black
UL94V-0
Contacts
Copper alloy
Selective gold plating
----------
Body
Stainless steel
Solder plating
----------
Insulator
Synthetic resin
Color : Black
UL94V-0
Contacts
Copper alloy
Selective gold plating
----------
Plug cover
Cover
Synthetic resin
Color : Black
UL94V-0
Body
Stainless steel
----------
----------
Frame kit
Frame
Synthetic resin
Color : Black
UL94V-0
FG terminal
Phosphor bronze
Gold plating
----------
Spring pin
Stainless steel
----------
----------
Coil spring
Stainless steel
----------
----------
Panel
Stainless steel
With thermal adhesive tape
----------
----------
----------
100 V DC
100 mA
Contact resistance : 60 m ohms max.
0.5A
125 V AC
250 M ohms min.
300 V AC
40 m ohms min.
3000 cycles
1. Current rating
2. Voltage rating
3. Insulation resistance
4. Withstanding voltage
5. Contact resistance
6. Durability (Insertion/withdrawal)
Item
Specification
Conditions
sSpecifications
I/O Cable
Conductor size
Insulator outer diameter
Cable style
AWG #30 (7/0.1)
0.5mm
UL20276
sFeatures
1. Low profile
Receptacle connectors have a mounting height of 3.5
mm and can be mounted to type II I/O cards.
2. Shielded construction
A metal shell is used for shielding.
3. ESD protection
The use of an over-mold cover offers excellent ESD
protection.
4. More efficient wiring work
Wiring on the plug side uses AWG #30 pressure welding
(discrete type) for more efficient wiring work.
sApplications
I/O card interfaces.
sNX Series 68
sOrdering Information
NX 60 H - 68 S 9 - SP
1
2
3
5
6
4
7
Series name: NX
Wiring style 30: Loose lead pressure welding type (for fine wire)
60: SMT type
Serial type for form
Number of contacts: 68
Type of opening S: Receptacle
P: Plug
Coplanarity: 0.9 (Dimension from connector center to board mounting position)
Variations SP: Spring pin (for cards)
Type of accessories CV: Vertical opening cover
KT: Frame kit
Panel finish (05): Dull processing
1
2
3
4
5
7
6
8
9
qReceptacle
NX 30 H - 68 P
1
2
3
5
4
qPlug unit
NX - 68 H - CV
1
1
4
3
8
qPlug cover
NX - 68 H - KT 9 (05)
4
3
6
9
8
qFrame kit
Back Connectors for Type II I/O Cards
B
Applicable
No flashover or insulation
breakdown.


Similar Part No. - NX-25T-F3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
NX-AD2203 OMRON-NX-AD2203 Datasheet
1Mb / 19P
   machine controller
NX-AD2204 OMRON-NX-AD2204 Datasheet
1Mb / 19P
   machine controller
NX-AD2208 OMRON-NX-AD2208 Datasheet
1Mb / 19P
   machine controller
NX-AD2603 OMRON-NX-AD2603 Datasheet
1Mb / 19P
   machine controller
NX-AD2604 OMRON-NX-AD2604 Datasheet
1Mb / 19P
   machine controller
More results

Similar Description - NX-25T-F3

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-GD ICHAUS-IC-GD Datasheet
1,023Kb / 55P
   UNIVERSAL I/O INTERFACE
logo
M-System Co.,Ltd.
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
   Remote I/O R3 Series INTERFACE I/O MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
   Remote I/O R3 Series INTERFACE I/O MODULE
logo
Rohm
BD3825FS ROHM-BD3825FS_05 Datasheet
427Kb / 9P
   PAL Audio I/O Interface
logo
Fujitsu Component Limit...
MB89255A FUJITSU-MB89255A Datasheet
113Kb / 1P
   PARALLEL DATA I/O INTERFACE
logo
Rohm
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
   PAL Video I/O Interface
logo
Intersil Corporation
CDP1851 INTERSIL-CDP1851 Datasheet
56Kb / 14P
   CMOS Programmable I/O Interface
March 1997
logo
M-System Co.,Ltd.
DLC MSYSTEM-DLC Datasheet
287Kb / 9P
   REMOTE I/O INTERFACE UNIT
R30GECT1 MSYSTEM-R30GECT1 Datasheet
154Kb / 4P
   Remote I/O R30 Series EtherCAT INTERFACE I/O MODULE
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com