Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4ULS5V102GAE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI4ULS5V102GAE
Description  2-Bit Universal Bi-directional Level Shifter with Automatic Direction Control & Advance Package Solution
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS5V102GAE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI4ULS5V102GAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4ULS5V102GAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4ULS5V102GAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4ULS5V102GAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4ULS5V102GAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4ULS5V102GAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS5V102GAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4ULS5V102GAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4ULS5V102GAE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-09-0011
PT0334-4
10/20/15
3
PI4ULS5V102
2-Bit Universal Bi-directional Level
Shifter with Automatic Direction
Control & Advance Package Solution
DC Electrical Characteristics
(1)(2)
Parameter
Test Conditions
VCCA
VCCB
TA = 25℃
-40 to 85℃
Unit
Min
Typ
Max
Min
Max
VOHA
IOH = -20μA
1.2V
-
1.0
1.1
1.2
-
-
V
1.4V to 3.6V
-
-
-
VCCA
- 0.4
-
VOLA
IOL = 20μA
1.2V
-
0.0
0.09
0.4
-
-
V
1.4V to 3.6V
-
-
-
-
0.4
VOHB
IOH = -20μA
-
1.65V to 5.5V
-
-
-
VCCB
- 0.4
V
VOLB
IOL = 20μA
-
1.65V to 5.5V
-
-
-
-
0.4
V
II
OE
VI = VCCI or
GND
1.2 to 3.6V
1.65V to 5.5V
-
-
±1
-
±2
μA
Ioff
A port
VI or VO = 0 to
3.6V
0V
0V to 5.5V
-
-
±1
-
±2
μA
B port
VI or VO = 0 to
5.5V
0 to 3.6V
0V
-
-
±1
-
±2
IOZ
A or B
port
OE = GND
1.2 to 3.6V
1.65V to 5.5V
-
-
±1
-
±2
μA
ICCA
VI = VCCI or
GND, Io = 0
1.2V
1.65V to 5.5V
0.0
0.06
5.0
-
-
μA
1.4V to 3.6V
1.65V to 5.5V
-
-
-
-
5
3.6V
0V
-
-
-
-
2
0V
5.5V
-
-
-
-
-2
ICCB
VI = VCCI or
GND, Io = 0
1.2V
1.65V to 5.5V
0
2.3
5.0
-
-
μA
1.4V to 3.6V
1.65V to 5.5V
-
-
-
-
5
3.6V
0V
-
-
-
-
-2
0V
5.5V
-
-
-
-
2
ICCA + ICCB
VI = VCCI or
GND, Io = 0
1.2V
1.65V to 5.5V
0.0
2.4
8.0
-
-
μA
1.4V to 3.6V
1.65V to 5.5V
-
-
-
-
8
ICCZA
VI = VCCI or
GND, Io = 0, OE
= GND
1.2V
1.65V to 5.5V
0.0
0.05
0.4
-
-
μA
1.4V to 3.6V
1.65V to 5.5V
-
-
-
-
3
ICCZB
VI = VCCI or
GND, Io = 0, OE
= GND
1.2V
1.65V to 5.5V
0.0
2.3
5.0
-
-
μA
1.4V to 3.6V
1.65V to 5.5V
-
-
-
-
5
Ci
OE
-
1.2 to 3.6V
1.65V to 5.5V
-
2.5
-
-
3
pF
Cio
A port
-
1.2 to 3.6V
1.65V to 5.5V
-
5
-
-
6
pF
B port
-
11
-
-
14
(1) VCCI is the supply voltage associated with the input port.
(2) VCCO is the supply voltage associated with the output port.


Similar Part No. - PI4ULS5V102GAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS5V104GAE PERICOM-PI4ULS5V104GAE Datasheet
410Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V104GAE PERICOM-PI4ULS5V104GAE Datasheet
477Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V104GAEX PERICOM-PI4ULS5V104GAEX Datasheet
410Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V104ZBE PERICOM-PI4ULS5V104ZBE Datasheet
410Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V104ZBE PERICOM-PI4ULS5V104ZBE Datasheet
477Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
More results

Similar Description - PI4ULS5V102GAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V08M PERICOM-PI4ULS3V08M Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16M PERICOM-PI4ULS3V16M Datasheet
657Kb / 9P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16 PERICOM-PI4ULS3V16_07 Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
PI4ULS5V104GAEX PERICOM-PI4ULS5V104GAEX Datasheet
410Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V104 PERICOM-PI4ULS5V104_15 Datasheet
477Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V202 PERICOM-PI4ULS5V202 Datasheet
548Kb / 11P
   2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
PI4ULS5V201 PERICOM-PI4ULS5V201 Datasheet
534Kb / 11P
   1-Bit Bi-directional Level Shifter with Automatic Sensing
logo
Diodes Incorporated
PI4ULS5V202Q DIODES-PI4ULS5V202Q Datasheet
1Mb / 10P
   Automotive Qualified 2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
Rev 3 - 2 October 2020
logo
Pericom Semiconductor C...
PI4ULS3V16 PERICOM-PI4ULS3V16_13 Datasheet
333Kb / 7P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V08 PERICOM-PI4ULS3V08 Datasheet
751Kb / 8P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com