Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4ULS3V502 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI4ULS3V502
Description  280Mb/s Bi-directional Level Translator for Push-Pull Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS3V502 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI4ULS3V502 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-01-0006
PT0475-1
02/18/14
3
PI4ULS3V502
280Mb/s Bi-directional Level Translator
for Push-Pull Applications
DC Electrical Characteristics
Note:
1. Normal test conditions are V
I= 0 V, CIOB ≤ 15 pF and CIOA≤ 15 pF, unless otherwise specified.
2.VCCB is the supply voltage associated with the I/O B port, and B ranges from +1.35V to 3.6V under normal operating conditions.
3.VCCA is the supply voltage associated with the I/O A port, and A ranges from +0.85V to 2.7V under normal operating conditions.
4. Typical values are for VCCB= +2.8V, VCCA = +1.8V and TA = +25°C. All units are production tested at TA = +25°C. Limits over
the operatingtemperature range are guaranteed by design.
Sym
Parameter
Test Conditions
*1
V
CCB
*2 (V) V
CCA
*3 (V)
-40°C to +85°C
Unit
Min
Typ
*4
Max
V
IHB
B port Input HIGH
Voltage
-
1.35-3.6
0.85-2.7
2/3*VCCB
-
-
V
V
ILB
B port Input LOW
Voltage
-
1.35-3.6
0.85-2.7
-
-
1/3*
VCCB
V
V
IHA
A port Input HIGH
Voltage
-
1.35-3.6
0.85-2.7
2/3*VCCA
-
-
V
V
ILA
A port Input LOW
Voltage
-
1.35-3.6
0.85-2.7
-
-
1/3 *
VCCA
V
V
IH
Control Pin Input
HIGH Voltage
T
A = +25°
C
1.35-3.6
0.85-2.7
2/3*VCCA
-
-
V
V
IL
Control Pin Input
LOW Voltage
T
A = +25°
C
1.35-3.6
0.85-2.7
-
-
1/3 *
VCCA
V
V
OHB
B port Output HIGH
Voltage
B port source current = 20µA
1.35-3.6
0.85-2.7
0.9*VCCB
-
-
V
V
OLB
B port Output LOW
Voltage
B port sink current = 20µA
1.35-3.6
0.85-2.7
-
-
0.2
V
V
OHA
A port Output HIGH
Voltage
A port source current= 20µA
1.35-3.6
0.85-2.7
0.9*VCCA
-
-
V
V
OLA
A port Output LOW
Voltage
A port sink current = 20µA
1.35-3.6
0.85-2.7
-
-
0.2
V
I
QVB VCCB
Supply Current
EN = VCCA,I
O = 0A,
(I/O_B= 0V or VCCB, I/O_A= float) or
( I/O_B = float, I/O_A = 0V or V
CCA)
1.35-3.6
0.85-2.7
-
-
1.5
µA
I
QVA VCCA Supply Current
1.35-3.6
0.85-2.7
-
-
1
µA
I
TS-B
B port Tristate Output
Mode Supply Current
T
A=+25°
C, EN=0V
( I/O_B = 0V or VCCB, I/O_A = float) or
( I/O_B = float, I/O_A = 0V or V
CCA)
1.35-3.6
0.85-2.7
-
-
1.5
µA
I
TS-A
A port Tristate Output
Mode Supply Current
1.35-3.6
0.85-2.7
-
-
0.5
µA
I
OZ
I/O Tristate Output
Mode Leakage Current
T
A= +25°
C, EN= 0V
1.35-3.6
0.85-2.7
-
-
±1
µA
II
Control Pin Input
Current
T
A = +25°
C
1.35-3.6
0.85-2.7
-
-
±1
µA
IOFF
Power Off Leakage
Current
I/O_B = 0 to 3.6V, I/O_A = 0 to 2.5V
0
0
-
-
2
µA
1.35-3.6
0
-
-
2
0
0.85-2.7
-
-
2


Similar Part No. - PI4ULS3V502

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V501 PERICOM-PI4ULS3V501 Datasheet
467Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V501TAE PERICOM-PI4ULS3V501TAE Datasheet
467Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V504 PERICOM-PI4ULS3V504 Datasheet
479Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V504ZME PERICOM-PI4ULS3V504ZME Datasheet
479Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
More results

Similar Description - PI4ULS3V502

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V501 PERICOM-PI4ULS3V501 Datasheet
467Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V504 PERICOM-PI4ULS3V504 Datasheet
479Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
logo
Diodes Incorporated
PI4ULS3V304A DIODES-PI4ULS3V304A Datasheet
1Mb / 12P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
December 2021 Rev 3-2
logo
Pericom Semiconductor C...
PI4ULS3V304 PERICOM-PI4ULS3V304 Datasheet
389Kb / 9P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V302 PERICOM-PI4ULS3V302 Datasheet
431Kb / 11P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
logo
Texas Instruments
TXS0108E TI1-TXS0108E_V01 Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com