Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4ULS3V502 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI4ULS3V502
Description  280Mb/s Bi-directional Level Translator for Push-Pull Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS3V502 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI4ULS3V502 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4ULS3V502 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
280Mb/s Bi-directional Level Translator for Push-Pull Applications
2014-01-0006
PT0475-1
02/18/14
1
PI4ULS3V502
Features
 0.85V to 2.7V on A Port and 1.35V to 3.6V on B
Port
 VCCA may be greater than, equal to, or less than
VCCB
 High-Speed with 280 Mb/s Guaranteed Date Rate
 30 pF Capacitive Drive Capability
 Low Bit-to-Bit Skew
 Overvoltage Tolerant Enable and I/O Pins
 Non-preferential Power-Up Sequencing
 Power-Off Protection
 Package: UDFN1.2x1.6-8L
Applications
 Mobile Phones, PDAs
 Other Portable Devices
Pin Configuration
UDFN1.2*1.6-8L(Top View)
Description
The PI4ULS3V502 is a 2-bit configurable dual-
supply autosensing bidirectional level translator that
does not require a direction control pin. The B and A
ports are designed to track two different power supply
rails, VCCB and VCCA respectively.
The PI4ULS3V502 offers the feature that the values
of the VCCB and VCCA supplies are independent.
Design flexibility is maximized because VCCA can be
set to a value either greater than or less than the VCCB
supply.
The
PI4ULS3V502
has
high
output
current
capability, which allows the translator to drive high
capacitive loads such as most high frequency EMI filters.
Another feature of the PI4ULS3V502 is that each An
and Bn channel can function as either an input or an
output.
An Output Enable (EN) input is available to reduce
the power consumption. The EN pin can be used to
disable both I/O ports by putting them in 3-state which
significantly reduces the supply current.
PI4ULS3V502 is 2 kV System-Level ESD Capable.
Pin Description
Pin
No.
Pin
Name
Type
Description
1
VCCA
Power
A-port supply voltage.0.85V ≤
VCCA ≤ 2.7V
2
A1
I/O
Input/output A. Referenced to
VCCA.
3
A2
I/O
Input/output A. Referenced to
VCCA.
4
GND
GND
Ground.
5
EN
Input
Output enable (active High). Pull
EN low to place all outputs in 3-
state mode.
6
B2
I/O
Input/output B. Referenced to VCCB
7
B1
I/O
Input/output B. Referenced to VCCB
8
VCCB
Power
B-port supply voltage. 1.35 V ≤
VCCB ≤ 3.6V


Similar Part No. - PI4ULS3V502

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V501 PERICOM-PI4ULS3V501 Datasheet
467Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V501TAE PERICOM-PI4ULS3V501TAE Datasheet
467Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V504 PERICOM-PI4ULS3V504 Datasheet
479Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V504ZME PERICOM-PI4ULS3V504ZME Datasheet
479Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
More results

Similar Description - PI4ULS3V502

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V501 PERICOM-PI4ULS3V501 Datasheet
467Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V504 PERICOM-PI4ULS3V504 Datasheet
479Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
logo
Diodes Incorporated
PI4ULS3V304A DIODES-PI4ULS3V304A Datasheet
1Mb / 12P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
December 2021 Rev 3-2
logo
Pericom Semiconductor C...
PI4ULS3V304 PERICOM-PI4ULS3V304 Datasheet
389Kb / 9P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V302 PERICOM-PI4ULS3V302 Datasheet
431Kb / 11P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
logo
Texas Instruments
TXS0108E TI1-TXS0108E_V01 Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com