Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4ULS3V304ZME Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI4ULS3V304ZME
Description  140Mb/s Bi-directional Level Translator for Push-Pull Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS3V304ZME Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI4ULS3V304ZME Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4ULS3V304ZME Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4ULS3V304ZME Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4ULS3V304ZME Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4ULS3V304ZME Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4ULS3V304ZME Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS3V304ZME Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4ULS3V304ZME Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4ULS3V304ZME Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-12-0010
PT0492
01/15/14
5
PI4ULS3V304
140Mb/s Bi-directional Level Translator
for Push-Pull Applications
Continuously.
Sym
Parameter
Test Conditions
*1
V
CCB
*2 (V)
V
CCA
*3(V)
-40°C to +85°C
Unit
Min
Typ
*4
Max
MIDR
Maximum Data Rate
C
IO = 15pF
1.35-3.6
0.85-2.7
50
-
-
mbps
2.5-3.6
1.8-2.7
140
-
-
C
IO = 30pF
1.35-3.6
0.85-2.7
40
-
-
2.5-3.6
1.8-2.7
120
-
-
C
IO = 50pF
1.35-3.6
0.85-2.7
30
-
-
2.5-3.6
1.8-2.7
100
-
-
C
IO = 100pF
1.35-3.6
0.85-2.7
20
-
-
2.5-3.6
1.8-2.7
60
-
-
Notes:
1. Normal test conditions are VI = 0 V, CIOB ≤ 15pF and CIOA ≤ 15pF, unless otherwise specified.
2. V CCB is the supply voltage associated with the I/O B port, and B ranges from +1.35 V to 3.6 V under normal operating conditions.
3. V CCA is the supply voltage associated with the I/O A port, and A ranges from +0.85 V to 2.7V under normal operating conditions.
4. Typical values are tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
5. Guaranteed by design
Power Consumption (T
A=+25°
C)
Sym
*1
Parameter
Test Conditions
VCCB
*2 (V)
VCCA
*3(V)
Typ
Unit
C
PD_VCCA
A = Input port,
B = Output Port
C
Load = 0, f = 1MHz,
EN = VCCA (outputs enabled)
1.35-3.6
0.85-2.7
40
pF
B = Input port,
A = Output Port
C
PD_VCCB
A = Input port,
B = Output Port
C
Load = 0, f = 1MHz,
EN = VCCA (outputs enabled)
1.35-3.6
0.85-2.7
40
pF
B = Input port,
A = Output Port
C
PD_VCCA
A = Input port,
B = Output Port
C
Load = 0, f = 1MHz,
EN = GND(outputs disabled)
1.35-3.6
0.85-2.7
1
pF
B = Input port,
A = Output Port
C
PD_VCCB
A = Input port,
B = Output Port
C
Load = 0, f = 1MHz,
EN = GND(outputs disabled)
1.35-3.6
0.85-2.7
1
pF
B = Input port,
A = Output Port
Notes:
1. C
PD_VCCA and CPD_VCCB are defined as the value of the IC’s equivalent capacitance from which the operating current can be calculated for
the A and B power supplies, respectively. ICC = ICC (dynamic) + ICC (static) ≈ ICC(operating) ≈CPD x VCC x fIN x NSW where ICC =
ICC_VCCB+ ICC VCCA and NSW = total number of outputs switching.
2. V
CCB is the supply voltage associated with the I/O B port, and VCCB ranges from +1.35V to 3.6V under normal operating conditions.
3. V
CCA is the supply voltage associated with the I/O A port, and VCCA range from +0.0.85 V to 2.7V under normal operating conditions.
4. Typical values are at TA = +25°C.


Similar Part No. - PI4ULS3V304ZME

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI4ULS3V304A DIODES-PI4ULS3V304A Datasheet
1Mb / 12P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
December 2021 Rev 3-2
PI4ULS3V304AZMAEX DIODES-PI4ULS3V304AZMAEX Datasheet
1Mb / 12P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
December 2021 Rev 3-2
More results

Similar Description - PI4ULS3V304ZME

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI4ULS3V304A DIODES-PI4ULS3V304A Datasheet
1Mb / 12P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
December 2021 Rev 3-2
logo
Pericom Semiconductor C...
PI4ULS3V302 PERICOM-PI4ULS3V302 Datasheet
431Kb / 11P
   140Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V501 PERICOM-PI4ULS3V501 Datasheet
467Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V502 PERICOM-PI4ULS3V502 Datasheet
417Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
PI4ULS3V504 PERICOM-PI4ULS3V504 Datasheet
479Kb / 9P
   280Mb/s Bi-directional Level Translator for Push-Pull Applications
logo
Texas Instruments
TXS0108E TI1-TXS0108E_V01 Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com