Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4ULS3V204 Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI4ULS3V204
Description  4-Bit Bi-directional Level Shifter for Open-drain and Push-pull Application
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS3V204 Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI4ULS3V204 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 14Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0031
PT0511-2
08/18/15
11
PI4ULS3V204
4-Bit Bi-directional Level Shifter
for Open-drain and Push-pull Application
Input Driver Requirements
The rise (tR) and fall (tF) timing parameters of the open drain outputs depend on the magnitude of the pull−up
resistors. In -addition, the propagation times (tPD), skew (tPSKEW) and maximum data rate depend on the impedance of
the device that is connected to the translator. The timing parameters listed in the data sheet assume that the output
impedance of the drivers connected to the translator is less than 50 kΩ.
Enable Input (EN)
The PI4ULS3V204 has an Enable pin (EN) that provides tri-state operation at the I/O pins. Driving the Enable
pin to a low logic level minimizes the power consumption of the device and drives the I/O VCCB and I/O VCCA pins to a
high impedance state. Normal translation operation occurs when the EN pin is equal to a logic high signal. The EN
pin is referenced to the VCCA supply and has overvoltage tolerant protection.
Power Supply Guidelines
During normal operation, supply voltage VCCA can be greater than, less than or equal to VCCB. The sequencing of
the power supplies will not damage the device during the power up operation. For optimal performance, 0.01μF to
0.1μF decoupling capacitors should be used on the VCCA and VCCB power supply pins. Ceramic capacitors are a good
design choice to filter and bypass any noise signals on the voltage lines to the ground plane of the PCB. The
noise immunity will be maximized by placing the capacitors as close as possible to the supply and ground pins,
along with minimizing the PCB connection traces.


Similar Part No. - PI4ULS3V204

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V08 PERICOM-PI4ULS3V08 Datasheet
751Kb / 8P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V08M PERICOM-PI4ULS3V08M Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V08MZLE PERICOM-PI4ULS3V08MZLE Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16 PERICOM-PI4ULS3V16 Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
PI4ULS3V16A PERICOM-PI4ULS3V16A Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
More results

Similar Description - PI4ULS3V204

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI4ULS5V106 DIODES-PI4ULS5V106 Datasheet
946Kb / 10P
   6-Bit Bi-directional Level Shifter for Open-Drain and Push-Pull Application
June 2018
PI4ULS5V108 DIODES-PI4ULS5V108 Datasheet
1Mb / 12P
   8-Bit Bi-directional Level Shifter for Open-Drain and Push-Pull Application
May 2018
PI4ULS5V108Q DIODES-PI4ULS5V108Q Datasheet
1Mb / 11P
   Automotive Qualified 8-Bit Bi-directional Level Shifter for Open-Drain and Push-Pull Application
May 2019
logo
Union Semiconductor, In...
UM3204 UNIONSEMI-UM3204 Datasheet
356Kb / 13P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204_14 Datasheet
366Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Texas Instruments
TXS0108E TI1-TXS0108E_V01 Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202_16 Datasheet
363Kb / 15P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3208 UNIONSEMI-UM3208 Datasheet
383Kb / 11P
   8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com