Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4ULS3V204 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI4ULS3V204
Description  4-Bit Bi-directional Level Shifter for Open-drain and Push-pull Application
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS3V204 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI4ULS3V204 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4ULS3V204 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0031
PT0511-2
08/18/15
1
PI4ULS3V204
4-Bit Bi-directional Level Shifter
for Open-drain and Push-pull Application
Features
 V
CCA can be Less than, Greater than or Equal to
VCCB
 1.1V to 3.6V on A Port and 1.1V to 3.6V on B
Port
 High-Speed with 24 Mb/s Data Rate for push-pull
application
 High-Speed with 2 Mb/s Data Rate for open-drain
application
 No Direction-Control Signal Needed
 Low Bit-to-Bit Skew
 Non-preferential Power-up Sequencing
 ESD protection exceeds 8000V HBM per
JESD22-A114
 Integrated 10 kΩ Pull-up Resistors
Package: TSSOP-14,TQFN3.5x3.5-14,CSP-12
Applications
 I2C, SMBus, MDIO
 Low Voltage ASIC Level Translation
 Mobile Phones, PDAs, Camera
Description
The PI4ULS3V204 is a 4-bit configurable dual
supply bidirectional auto sensing translator that does
not require a directional control pin. The A and B ports
are designed to track two different power supply rails,
VCCA and VCCB respectively. Both the VCCA and VCCB
supply rails are configurable from 1.1V to 3.6V. This
allows voltage logic signals on the VCCA side to be
translated into lower, higher or equal value voltage
logic signals on the VCCB side, and vice-versa.
The translator has integrated 10 kΩ pull-up
resistors on the I/O lines. The integrated pull-up
resistors are used to pull-up the I/O lines to either VCCA
or VCCB. The PI4ULS3V204 is an excellent match for
open-drain applications such as the I
2C communication
bus.
.
Pin Configuration
CSP-12(Bottom View)
TQFN3.5x3.5-14(Top View)
TSSOP-14(Top View)


Similar Part No. - PI4ULS3V204

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V08 PERICOM-PI4ULS3V08 Datasheet
751Kb / 8P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V08M PERICOM-PI4ULS3V08M Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V08MZLE PERICOM-PI4ULS3V08MZLE Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16 PERICOM-PI4ULS3V16 Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
PI4ULS3V16A PERICOM-PI4ULS3V16A Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
More results

Similar Description - PI4ULS3V204

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI4ULS5V106 DIODES-PI4ULS5V106 Datasheet
946Kb / 10P
   6-Bit Bi-directional Level Shifter for Open-Drain and Push-Pull Application
June 2018
PI4ULS5V108 DIODES-PI4ULS5V108 Datasheet
1Mb / 12P
   8-Bit Bi-directional Level Shifter for Open-Drain and Push-Pull Application
May 2018
PI4ULS5V108Q DIODES-PI4ULS5V108Q Datasheet
1Mb / 11P
   Automotive Qualified 8-Bit Bi-directional Level Shifter for Open-Drain and Push-Pull Application
May 2019
logo
Union Semiconductor, In...
UM3204 UNIONSEMI-UM3204 Datasheet
356Kb / 13P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204_14 Datasheet
366Kb / 15P
   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Texas Instruments
TXS0108E TI1-TXS0108E_V01 Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202_16 Datasheet
363Kb / 15P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3208 UNIONSEMI-UM3208 Datasheet
383Kb / 11P
   8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com