Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2541B Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # NX2541B
Description  2.5V/3.3V HCSL XO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

NX2541B Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  NX2541B Datasheet HTML 1Page - Pericom Semiconductor Corporation NX2541B Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-232-9100 TW: +886-3-4518888
• www.pericom.com
All specifications are subject to change without notice.
NX254
Rev A
02/05/15
15-0037
2.5V/3.3V HCSL XO
Ultra Low Jitter PLL Crystal Oscillator 2.5 x 2.0mm
NX254
UX 70
V I FFFF.FFFFFF
A
B
C
Stability
Temp Range
A = +/-20 ppm -20/+70°C
B = +/-25 ppm -20/+70°C
C = +/-50 ppm -20/+70°C
D = +/-25 ppm -40/+85°C
E = +/-50 ppm -40/+85°C
Stability and Temp Range:
Frequency:
FFFF.FFFFFF
MHz, “4 digits/decimal/6 digits” format
Voltage:
1=+3.3V
2=+2.5V
Product Features
• Meet PCIe Gen2 and Gen3 clock
requirements at 100MHz
• Very low phase jitter - < 1.0ps RMS max.
• Wide frequency range - 5 ~ 212.5MHz
• Thicker crystal for improved reliability
• Low supply current - 70mA max.
• Industrial Temperature Range
• Pb-free & RoHS compliant
• Fast lead time
Product Description
The NX254 XO series is a high performance
HCSL crystal oscillator family with very low
jitter performance. Other than PCIe clock
frequencies, it also supports various options
including other Networking frequencies,
2.5V/3.3V voltage, and various stabilities.
It is designed to meet the clock source
specifications for PCIe interface, SGMII of
communication systems, and other high
performance equipment.
Applications
• Networking systems
• Servers and storage systems
• Profession video equipments
• Test and measurement
• FPGA/ASIC clock generation
Package: (Scale: none; dimensions are in mm)
Pin Functions:
Pin
Function
1
OE Function
2
N/C
3
Ground
4
Q
5
Q
6
VCC
Recommended Land Pattern:
2.5 x 2.0mm Ceramic SMD
*Extended high frequency power decoupling is recommended (see test circuit for minimum
recommendation). To ensure optimal performance, do not route RF traces beneath the
package.
1
NX 254 V 1 FFFF.FFFFFF
Part Ordering Information:
2.70
0.60
1.50
0.70


Similar Part No. - NX2541B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX251 PERICOM-NX251 Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511A PERICOM-NX2511A Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511B PERICOM-NX2511B Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511C PERICOM-NX2511C Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511D PERICOM-NX2511D Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
More results

Similar Description - NX2541B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX704 PERICOM-NX704 Datasheet
578Kb / 2P
   2.5V/3.3V HCSL XO
NX324 PERICOM-NX324 Datasheet
475Kb / 2P
   2.5V/3.3V HCSL XO
NX74SA PERICOM-NX74SA Datasheet
866Kb / 2P
   2.5V/3.3V HCSL FS XO
NX24SA PERICOM-NX24SA Datasheet
925Kb / 2P
   2.5V/3.3V HCSL FS XO
NX24SB PERICOM-NX24SB Datasheet
922Kb / 2P
   2.5V/3.3V HCSL FS XO
NX34SB PERICOM-NX34SB Datasheet
882Kb / 2P
   2.5V/3.3V HCSL FS XO
NX54SA PERICOM-NX54SA Datasheet
866Kb / 2P
   2.5V/3.3V HCSL FS XO
NX54SB PERICOM-NX54SB Datasheet
861Kb / 2P
   2.5V/3.3V HCSL FS XO
NX74SB PERICOM-NX74SB Datasheet
860Kb / 2P
   2.5V/3.3V HCSL FS XO
NX34SA PERICOM-NX34SA Datasheet
892Kb / 2P
   2.5V/3.3V HCSL FS XO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com