Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR103 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # FR103
Description  Fast Switching Speed For High Efficiency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

FR103 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  FR103 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD FR103 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD FR103 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FR101
THRU
FR107
1 Amp
Silicon Rectifier
50 to 1000 Volts
Features
Low Cost
Low Leakage
Low Forward Voltage Drop
High Current Capability
Fast Switching Speed For High Efficiency
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Catalog
Number
Device
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR101
---
50V
35V
50V
FR102
---
100V
70V
100V
FR103
---
200V
40V
200V
FR104
BA157
400V
280V
400V
FR105
BA158
600V
420V
600V
FR106
---
800V
560V
800V
FR107
BA159
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 1.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
μA
100
μA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
FR101-104
FR105
FR106-107
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
μsec, Duty Cycle 1%
DO-41
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark


Similar Part No. - FR103

ManufacturerPart #DatasheetDescription
logo
RFE international
FR103 RFE-FR103 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Surge Components
FR103 SURGE-FR103 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Microdiode Electronics ...
FR103 CHENDA-FR103 Datasheet
596Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
DIOTEC Electronics Corp...
FR103 DEC-FR103 Datasheet
670Kb / 2P
   Fast switching for high efficiency
logo
Leshan Radio Company
FR103 LRC-FR103 Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
More results

Similar Description - FR103

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MUR105 YFWDIODE-MUR105 Datasheet
81Kb / 3P
   Super Fast Switching Speed For High Efficiency
UF4001 YFWDIODE-UF4001 Datasheet
93Kb / 2P
   Ultra Fast Switching Speed For High Efficiency
logo
Shanghai Leiditech Elec...
FR101 LEIDITECH-FR101 Datasheet
463Kb / 3P
   High Current Capability Fast Switching Speed For High Efficiency
logo
DIOTEC Electronics Corp...
FR101 DEC-FR101 Datasheet
670Kb / 2P
   Fast switching for high efficiency
FR151 DEC-FR151 Datasheet
665Kb / 2P
   Fast switching for high efficiency
logo
Mospec Semiconductor
FR151 MOSPEC-FR151 Datasheet
211Kb / 3P
   Fast switching for high efficiency
logo
Surge Components
1N4933G-1N4937G SURGE-1N4933G-1N4937G Datasheet
1Mb / 2P
   Fast switching for high efficiency
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933_10 Datasheet
891Kb / 2P
   Fast switching for high efficiency
FR301 DEC-FR301 Datasheet
665Kb / 2P
   Fast switching for high efficiency
1F1 DEC-1F1 Datasheet
961Kb / 2P
   Fast switching for high efficiency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com