Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS65WV12816EBLL Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS65WV12816EBLL
Description  Three state outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS65WV12816EBLL Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS65WV12816EBLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS65WV12816EBLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS65WV12816EBLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS65WV12816EBLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS65WV12816EBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS65WV12816EBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS65WV12816EBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS65WV12816EBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS65WV12816EBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IS62/65WV12816EALL
IS62/65WV12816EBLL
Integrated Silicon Solution, Inc.- www.issi.com
2
Rev. 0B
12/9/2014
PIN CONFIGURATIONS
48-Pin mini BGA (6mm x 8mm)
(Package Code B)
LB#
A0
OE3
A1
A2
NC
I/O8
A3
UB#
A4
CS1#
I/O0
I/O9
A5
I/O10
A6
I/O1
I/O2
GND
NC
I/O11
A7
I/O3
VDD
VDD
NC
I/O12
A16
I/O4
GND
I/O14
A14
I/O13
A15
I/O5
I/O6
I/O15
A12
NC
A13
WE#
I/O7
NC
A9
A8
A10
A11
NC
1
2
3
4
5
6
A
B
C
D
D
F
G
H
48-Pin mini BGA (6mm x 8mm)
2 CS Option (Package Code B2)
LB#
A0
OE3
A1
A2
CS2
I/O8
A3
UB#
A4
CS1#
I/O0
I/O9
A5
I/O10
A6
I/O1
I/O2
GND
NC
I/O11
A7
I/O3
VDD
VDD
NC
I/O12
A16
I/O4
GND
I/O14
A14
I/O13
A15
I/O5
I/O6
I/O15
A12
NC
A13
WE#
I/O7
NC
A9
A8
A10
A11
NC
1
2
3
4
5
6
A
B
C
D
D
F
G
H
PIN DESCRIPTIONS
A0-A16
Address Inputs
I/O0-I/O15
Data Inputs/Outputs
, CS2
Chip Enable Input
Output Enable Input
Write Enable Input
Lower-byte Control
(I/O0-I/O7)
Upper-byte Control
(I/O8-I/O15)
NC
No Connection
VDD
Power
GND
Ground
44-Pin mini TSOP (Type II)
(Package Code T)
A4
A3
A2
A1
A0
CS#
I/O0
I/O1
I/O2
I/O3
VDD
GND
I/O4
I/O5
I/O6
I/O7
WE#
A16
A15
A14
A13
A12
A5
A6
A7
OE#
UB#
LB#
I/O15
I/O14
I/O13
I/O12
VDD
GND
I/O11
I/O10
I/O9
I/O8
NC
A8
A9
A10
A11
NC
1
2
3
4
5
6
7
8
9
10
12
11
13
14
15
16
32
31
30
29
28
27
26
25
24
23
21
22
20
19
18
17
42
41
40
39
38
37
36
35
34
33
44
43


Similar Part No. - IS65WV12816EBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816BLL ISSI-IS65WV12816BLL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816DALL/DBLL ISSI-IS65WV12816DALL/DBLL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IS65WV12816EBLL

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILX485 IKSEMICON-ILX485 Datasheet
485Kb / 8P
   Three-State Outputs
logo
Integrated Silicon Solu...
IS62WV2568EALL ISSI-IS62WV2568EALL Datasheet
869Kb / 16P
   Three state outputs
logo
Micross Components
AS5C4009 MICROSS-AS5C4009 Datasheet
162Kb / 12P
   Three state outputs
logo
Integrated Silicon Solu...
IS66WV51216EALL ISSI-IS66WV51216EALL Datasheet
620Kb / 17P
   Three state outputs
logo
Renesas Technology Corp
HD74LS367A RENESAS-HD74LS367A Datasheet
63Kb / 6P
   (non-inverted data outputs with three-state outputs)
logo
Aeroflex Circuit Techno...
UT54ACTS245E AEROFLEX-UT54ACTS245E Datasheet
117Kb / 9P
   Octal Bus Transceiver with Three-State Outputs
logo
Advanced Micro Devices
AM74S350 AMD-AM74S350 Datasheet
106Kb / 2P
   Four-Bit Shifter With Three-State Outputs
AM25LS374A AMD-AM25LS374A Datasheet
313Kb / 5P
   8-Bit Registers with Three-State Outputs
logo
Hitachi Semiconductor
HD74LS242 HITACHI-HD74LS242 Datasheet
58Kb / 6P
   Quadruple Bus Transceivers(with three-state outputs)
HD74LS366A HITACHI-HD74LS366A Datasheet
49Kb / 5P
   Hex Bus Drivers(with three-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com