Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61WV10248EDBLL Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61WV10248EDBLL
Description  TTL compatible inputs and outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV10248EDBLL Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61WV10248EDBLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV10248EDBLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV10248EDBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV10248EDBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV10248EDBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV10248EDBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV10248EDBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV10248EDBLL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV10248EDBLL Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Integrated Silicon Solution, Inc. — www.issi.com7
Rev. A
02/20/2013
IS61WV10248EDBLL
IS64WV10248EDBLL
READ CYCLE SWITCHING CHARACTERISTICS(1) (OverOperatingRange)
-8
-10
Symbol
Parameter
Min. Max.
Min. Max.
Unit
trc
ReadCycleTime
8
10
ns
taa
AddressAccessTime
8
10
ns
toha
OutputHoldTime
2.5
2.5
ns
tace
CE
AccessTime
8
10
ns
tdoe
OE
AccessTime
5.5
6.5
ns
thzoe(2)
OE
toHigh-ZOutput
3
4
ns
tlzoe(2)
OE
toLow-ZOutput
0
0
ns
thzce(2
CE
toHigh-ZOutput
0
3
0
4
ns
tlzce(2)
CE
toLow-ZOutput
3
3
ns
tPu
PowerUpTime
0
0
ns
tPd
PowerDownTime
8
10
ns
Notes:
1. TestconditionsandoutputloadingconditionsarespecifiedintheACTestConditionsandACTestLoads(Figure1).
2. TestedwiththeloadinFigure2.Transitionismeasured±500mVfromsteady-statevoltage.


Similar Part No. - IS61WV10248EDBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV10248ALL ISSI-IS61WV10248ALL Datasheet
198Kb / 20P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
IS61WV10248ALL-20MI ISSI-IS61WV10248ALL-20MI Datasheet
198Kb / 20P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
IS61WV10248ALL-20TI ISSI-IS61WV10248ALL-20TI Datasheet
198Kb / 20P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
IS61WV10248BLL ISSI-IS61WV10248BLL Datasheet
198Kb / 20P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
IS61WV10248BLL-10MI ISSI-IS61WV10248BLL-10MI Datasheet
198Kb / 20P
   1M x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61WV10248EDBLL

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS8ERLC128K32 MICROSS-AS8ERLC128K32 Datasheet
459Kb / 19P
   TTL Compatible Inputs and Outputs
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_14 Datasheet
373Kb / 16P
   TTL-Compatible Inputs and Outputs
logo
Fujitsu Component Limit...
MB7137E FUJITSU-MB7137E Datasheet
718Kb / 16P
   TTL compatible inputs and outputs
logo
Integrated Silicon Solu...
IS61WV25632ALL ISSI-IS61WV25632ALL Datasheet
494Kb / 19P
   TTL compatible inputs and outputs
IS61WV51216EDALL ISSI-IS61WV51216EDALL Datasheet
921Kb / 19P
   TTL compatible inputs and outputs
logo
Micross Components
AS8ER128K32 MICROSS-AS8ER128K32 Datasheet
452Kb / 19P
   TTL Compatible Inputs and Outputs
logo
ATMEL Corporation
AT68166FT ATMEL-AT68166FT_14 Datasheet
376Kb / 16P
   TTL-Compatible Inputs and Outputs
logo
Alliance Semiconductor ...
AS6C8016-55TIN ALSC-AS6C8016-55TIN Datasheet
1Mb / 11P
   All inputs and outputs TTL compatible
logo
Micross Components
AS8SLC512K32 MICROSS-AS8SLC512K32 Datasheet
192Kb / 12P
   All inputs and outputs are TTL-compatible
MT5C1009 MICROSS-MT5C1009 Datasheet
199Kb / 17P
   All inputs and outputs are TTL compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com