Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6543PA0081000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 6543PA0081000
Description  22 AWG BC cond, FEP insul, cond twisted into pairs and individually shielded w/Beldfoil
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6543PA0081000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  6543PA0081000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6543PA0081000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 6543PA0081000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +150°C
UL Temperature Rating:
75°C
Bulk Cable Weight:
45.800 lbs/1000 ft.
Max. Recommended Pulling Tension:
94.800 lbs.
Min. Bend Radius (Install)/Minor Axis:
2.500 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMP
NEC Articles:
800
CEC/C(UL) Specification:
CMP
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
NFPA 262
C(UL) Flame Test:
FT6
Plenum/Non-Plenum
Plenum (Y/N):
Yes
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
50
Nom. Inductance:
Inductance (µH/ft)
.18
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/ft)
27.5
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/ft)
49.5
Nominal Velocity of Propagation:
VP (%)
69
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
16.4
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
Page 2 of 3
05-10-2011
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
6543PA Multi-Conductor - Pro Audio and Intercom Systems


Similar Part No. - 6543PA0081000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6543PA BELDEN-6543PA Datasheet
180Kb / 2P
   Security & Sound, 4 Pair 22 AWG, BC, CMP
12-20-2022
6543PA-0081000 BELDEN-6543PA-0081000 Datasheet
180Kb / 2P
   Security & Sound, 4 Pair 22 AWG, BC, CMP
12-20-2022
6543PA-0085000 BELDEN-6543PA-0085000 Datasheet
180Kb / 2P
   Security & Sound, 4 Pair 22 AWG, BC, CMP
12-20-2022
More results

Similar Description - 6543PA0081000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344554 ETC2-1344554 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) TC conductor, FEP insulation, twisted pairs individually shielded with Beldfoil
1351277 ETC2-1351277 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene짰 insulation, twisted pairs individually Beldfoil
5542FE ETC2-5542FE Datasheet
97Kb / 3P
   22 AWG bare copper conductors, PVC insulation, conductors twisted into pairs
logo
General Cable Technolog...
C8112 GENERAL-C8112 Datasheet
24Kb / 1P
   Tinned Copper conductor, FEP Insulation, Individually shielded pairs, and overall FEP Jacketed Plenum Cable
C8132 GENERAL-C8132 Datasheet
24Kb / 1P
   Tinned Copper conductor, FEP Insulation, Individually shielded pairs, and overall FEP Jacketed Plenum Cable
logo
Belden Inc.
1326A BELDEN-1326A Datasheet
202Kb / 2P
   Security & Sound, 3 Pair 22 AWG BC, Individually Shielded, CMP
12-20-2022
logo
List of Unclassifed Man...
1030A ETC2-1030A Datasheet
104Kb / 3P
   16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, overall Beldfoil shield
logo
General Cable Technolog...
C8133 GENERAL-C8133 Datasheet
25Kb / 1P
   6 Individually shielded pairs 22 AWG Tinned Copper with FEP Insulation, cabled together with overall LS-PVC Jacket
logo
List of Unclassifed Man...
1682735 ETC2-1682735 Datasheet
102Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs
28399 ETC2-28399 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene짰 insulation, twisted pairs, overall Beldfoil
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com