Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC0173A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0173A
Description  SAW Resonator 314.200 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0173A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0173A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0173A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0173A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0173A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
E.EQUVIRENT CIRCUIT:
One-Port Resonator:
C0
R1 C1
L1
# 2
#6
Source Impedance
LoadImpedance
50Ω
50Ω
F.FREQUENCY CHARACTERISTICS:
Resonator 314.200MHz Frequency Characteristics (S21)
-30
-25
-20
-15
-10
-5
0
312.70
313.20
313.70
314.20
314.70
315.20
315.70
Frequency (Center Frequency 314.200MHz Span 3MHz)
G. TEST CIRCUIT:
50Ω
Network analyzer
50Ω
SAW Resonator
2
6
1、 3、 5、 7
To 50Ω
Network
Analyzer
From 50Ω
Network
Analyzer


Similar Part No. - TC0173A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0170A TAI-SAW-TC0170A Datasheet
269Kb / 5P
   SAW Resonator 433.92 MHz SMD 3.8X3.8 mm
logo
Golledge Electronics Lt...
TC0170A GOLLEDGE-TC0170A Datasheet
163Kb / 4P
   SAW Resonator 433.920MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0170AA TAI-SAW-TC0170AA Datasheet
398Kb / 5P
   SAW Resonator 433.92 MHz
TC0170AB TAI-SAW-TC0170AB Datasheet
390Kb / 5P
   SAW Resonator 433.92 MHz
TC0170B TAI-SAW-TC0170B Datasheet
238Kb / 4P
   SAW Resonator 433.92 MHz
More results

Similar Description - TC0173A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
List of Unclassifed Man...
RC0426D55A110 ETC1-RC0426D55A110 Datasheet
265Kb / 2P
   426.550 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2119A RFM-RO2119A Datasheet
100Kb / 2P
   317.5 MHz SAW Resonator
RO2134A RFM-RO2134A Datasheet
98Kb / 2P
   372.5 MHz SAW Resonator
RO2165A RFM-RO2165A Datasheet
100Kb / 2P
   858.25 MHz SAW Resonator
RO2073C RFM-RO2073C Datasheet
95Kb / 2P
   315.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
   318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
   295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
   315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
   315.00 MHz SAW Resonator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com