Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

844206010000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 844206010000
Description  22 AWG stranded (7x30) tinned copper conductors, PVC insulation, twisted pair, chrome PVC jacket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

844206010000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  844206010000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 844206010000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 844206010000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
22 AWG stranded (7x30) tinned copper conductors, PVC insulation, twisted pair, chrome PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors AWG Stranding Conductor Material
2
22
7x30
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.381
Outer Shield
Outer Shield Material:
Outer Shield Material
Unshielded
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.635
Overall Cabling
Overall Cabling Lay Length & Direction:
Length (mm)
38.09985
Overall Cabling Color Code Chart:
Number Color
1
Black
2
Red
Overall Nominal Diameter:
4.318 mm
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +60°C
Bulk Cable Weight:
19.347 Kg/Km
Max. Recommended Pulling Tension:
80.068 N
Min. Bend Radius (Install)/Minor Axis:
41.910 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMG
CEC/C(UL) Specification:
CMG
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8442 Multi-Conductor - High-Conductivity Copper Speaker Cable Twisted Jacketed Con


Similar Part No. - 844206010000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
844206010000 ETC2-844206010000 Datasheet
32Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation, twisted pair, chrome PVC jacket
More results

Similar Description - 844206010000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28389 ETC2-28389 Datasheet
32Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation, twisted pair, chrome PVC jacket
1351693 ETC2-1351693 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1344818 ETC2-1344818 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1345005 ETC2-1345005 Datasheet
100Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1351330 ETC2-1351330 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1345895 ETC2-1345895 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
8461 ETC2-8461 Datasheet
96Kb / 2P
   18 AWG stranded (7x26) tinned copper conductors, PVC insulation, twisted pair, PVC jacket.
29545 ETC2-29545 Datasheet
29Kb / 3P
   20 AWG stranded (7x28) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket.
1344417 ETC2-1344417 Datasheet
96Kb / 2P
   20 AWG stranded (7x28) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
1346341 ETC2-1346341 Datasheet
98Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com