Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCN10FA Datasheet(PDF) 2 Page - Hirose Electric

Part No. PCN10FA
Description  PCN10F Series (Product Compliant with DIN Standard: Coaxial and High Current Contact Composite Type)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

PCN10FA Datasheet(HTML) 2 Page - Hirose Electric

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
A72
sOrdering Information
PCN10F
A – * P – 2.54 DS
q
e
wr
t
y
q
wr
et
y
u
r P
: Plug
t Contact pitch
: 2.54mm
y Contact type
: DS : Right angle type
Values in parentheses indicates the number of coaxial
connector and high current contact mounting holes.
q Series name : PCN10F
w Blank
: Board edge on mount type
A
: Board on mount type
e Number of contacts : 24(8), 42(6), 60(4), 78(2)
qReceptacle
Please be sure to utilize the DIN connector of Hirose within the range as shown below.
BDIN Connector Mating Condition
qPlug
PCN 10F A – * S – 2.54 DSA
Values in parentheses indicates the number of coaxial
connector and high current contact mounting holes.
r Number of contacts : 24(8), 42(6), 60(4), 78(2)
t S
: Receptacle
y Contact pitch
: 2.54mm
u Contact type
PCN10F
DS
: right angle type
DSA
: Straight type
WA
: Wrapping type (0.5tx0.7W)
WB
: Wrapping type (0.5tx0.5W)
PCN11F
PFB-2 : Short press fit type
WB-2 : Wrapping press fit type
q Series name : PCN
w Series No.
: 10F (Soldering type)
11F (Solderless connection type)
e Contact type: Straight
Blank
: Coaxial cable connection type
A: Coaxial connector through hole type
Contact type: Right angle
A
: Board on mount type
B
: Board edge on mount type


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PCN11-20P-2.54H-2PCN11 Series Product Compliant with DIN Standard: Solderless Connection Type 1 2 3 4 5 MoreHirose Electric
2SJ439P CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING DC-DC CONVERTER RELAY DRIVE AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SJ464P CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING CHOPPOER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK1359N CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 MoreToshiba Semiconductor
2SK373N CHANNEL JUNCTION TYPE FOR AUDIO HIGH VOLTAGE AMPLIFIER AND CONSTANT CURRENT APPLICATIONS 1 2 3 Toshiba Semiconductor
2SJ465P CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING DC-DC CONVERTER RELAY DRIVE AND MOTOR DRIVE APPLICATIOS 1 2 3 4 5 Toshiba Semiconductor
2SK2311N CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR DC-DC CONVERTER AND SWITCHING REGULATOR APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK2746N CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHNG DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK2987N CHANNEL MOS TYPE HIGH CURRENT SWITCHING DC-DC CONVERTER RELAY DRIVE AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK3127N CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn