Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCN10FA Datasheet(PDF) 1 Page - Hirose Electric

Part No. PCN10FA
Description  PCN10F Series (Product Compliant with DIN Standard: Coaxial and High Current Contact Composite Type)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

PCN10FA Datasheet(HTML) 1 Page - Hirose Electric

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
A71
sFeatures
1. Compliant with the DIN standard
The coaxial connector complies with DIN41612
standard.
2. Variation in number of contacts
Coaxial and high current contact insertion holes 2, 4,
6, and 8 contacts are available.
3. Reliable contact construction
PCN10F series is constructed with high reliable
double-sided 2 point contacts.
4. Broad applications
The receptacle is provided with solder type and
solderless connection type. The contact type is also
provided with straight, right angle and wrapping types.
The high current contact is provided with 10A and 20A
types.
5. High Conformity
High frequency characteristics are 1 GHz and
V.S.W.R1.2 maximum.
sProduct Specifications
Rating
Current rating: 2A
Voltage rating: 300V AC
Operating Temperature Range: -30 to +85ç (Note 1)
Operating Relative Humidity: 40 to 80%
Storage Temperature Range: -10 to +60ç (Note 2)
Operating Humidity Range: 40 to 70%
(Note 2)
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
100V DC
1000V AC/1 minute.
0.1A
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
96 hours at temperature of 40ç and humidity of 90% to 95%
500 cycles
Manual soldering: 300ç for 3 seconds
106M ohms
No flashover or insulation breakdown.
20m ohms max.
No electrical discontinuity of 10µs or more
Insulation resistance 106M ohms min.
Contact resistance : 20m ohms max.
No deformation of components affecting performance.
No damage, cracks, or parts looseness.
(-65ç : 30 minutes¡15 to 35ç: 5 minutes max.¡
125ç : 30 minutes¡15 to 35ç: 5 minutes max.) 5 cycles
1.Insulation Resistance
2.Withstanding Voltage
3.Contact Resistance
4.Vibration
5.Humidity(Steady state)
6.Temperature Cycle
7.Durability (Mating/un-mating)
8.Resistance to Soldering heat
sApplications
sMaterial
Contact
Insulator
Pin header
Receptacle
PBT
Brass
Copper alloy
Contact area: Gold plated
Remainder: Tin-lead plated
Gray
UL94V-0
________
Parts
Material
Finish
Remarks
Item
Specification
Condition
PCN10F Series (Product Compliant with DIN Standard: Coaxial and High Current Contact Composite Type)
Measurement instrument, control equipment, exchange, etc.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PCN11-20P-2.54H-2PCN11 Series Product Compliant with DIN Standard: Solderless Connection Type 1 2 3 4 5 MoreHirose Electric
2SJ439P CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING DC-DC CONVERTER RELAY DRIVE AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SJ464P CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING CHOPPOER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK1359N CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 MoreToshiba Semiconductor
2SK373N CHANNEL JUNCTION TYPE FOR AUDIO HIGH VOLTAGE AMPLIFIER AND CONSTANT CURRENT APPLICATIONS 1 2 3 Toshiba Semiconductor
2SJ465P CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING DC-DC CONVERTER RELAY DRIVE AND MOTOR DRIVE APPLICATIOS 1 2 3 4 5 Toshiba Semiconductor
2SK2311N CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR DC-DC CONVERTER AND SWITCHING REGULATOR APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK2746N CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHNG DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK2987N CHANNEL MOS TYPE HIGH CURRENT SWITCHING DC-DC CONVERTER RELAY DRIVE AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK3127N CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn