Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61VPS102418B Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61VPS102418B
Description  Internal self-timed write cycle
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61VPS102418B Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61VPS102418B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61VPS102418B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61VPS102418B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61VPS102418B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61VPS102418B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61VPS102418B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61VPS102418B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61VPS102418B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61VPS102418B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
IS61LPS51236B/IS61VPS51236B/IS61VVPS51236B
IS61LPS102418B/IS61VPS102418B/IS61VVPS102418B
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
10/16/2014
1
512K x36 and 1024K x18 18Mb SYNCHRONOUS PIPELINED
SINGLE CYCLE DESELECT STATIC RAM
NOVEMBER 2014
FEATURES
Internal self-timed write cycle
Individual Byte Write Control and Global Write
Clock controlled, registered address, data and
control
Burst sequence control using MODE input
Three chip enable option for simple depth
expansion and address pipelining
Common data inputs and data outputs
Auto Power-down during deselect
Single cycle deselect
Snooze MODE for reduced-power standby
JEDEC 100-pin QFP, 165-ball BGA and 119-ball
BGA packages
Power supply:
LPS: VDD 3.3V (± 5%), VDDQ 3.3V/2.5V (± 5%)
VPS: VDD 2.5V (± 5%), VDDQ 2.5V (± 5%)
VVPS: VDD 1.8V (± 5%), VDDQ 1.8V (± 5%)
JTAG Boundary Scan for BGA packages
Commercial, Industrial and Automotive
temperature support
Lead-free available
For leaded options, please contact ISSI
FAST ACCESS TIME
DESCRIPTION
The 18Mb product family features high-speed, low-
power synchronous static RAMs designed to provide
burstable, high-performance memory for
communication and networking applications. The
IS61LPS/VPS/VVPS51236B are organized as 524,288
words by 36bits. The IS61LPS/VPS/VVPS102418B are
organized as 1,048,576 words by 18bits. Fabricated
with ISSI's advanced CMOS technology, the device
integrates a 2-bit burst counter, high-speed SRAM
core, and high-drive capability outputs into a single
monolithic circuit. All synchronous inputs pass through
registers controlled by a positive-edge-triggered single
clock input.
Write cycles are internally self-timed and are initiated
by the rising edge of the clock input. Write cycles can
be one to four bytes wide as controlled by the write
control inputs.
Separate byte enables allow individual bytes to be
written. The byte write operation is performed by using
the byte write enable (/BWE) input combined with one
or more individual byte write signals (/BWx). In
addition, Global Write (/GW) is available for writing all
bytes at one time, regardless of the byte write controls.
Bursts can be initiated with either /ADSP (Address
Status Processor) or /ADSC (Address Status Cache
Controller) input pins. Subsequent burst addresses can
be generated internally and controlled by the /ADV
(burst address advance) input pin.
The mode pin is used to select the burst sequence
order. Linear burst is achieved when this pin is tied
LOW. Interleave burst is achieved when this pin is tied
HIGH or left floating.
Copyright © 2014 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no
liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on
any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause
failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written
assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
Symbol
Parameter
-250
-200
Units
tKQ
Clock Access
Time
2.6
3.0
ns
tKC
Cycle time
4
5
ns
Frequency
250
200
MHz


Similar Part No. - IS61VPS102418B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VPS102418A ISSI-IS61VPS102418A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102418A ISSI-IS61VPS102418A Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102418A-200B2 ISSI-IS61VPS102418A-200B2 Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102418A-200B2 ISSI-IS61VPS102418A-200B2 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102418A-200B2I ISSI-IS61VPS102418A-200B2I Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
More results

Similar Description - IS61VPS102418B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
   Self-Timed Byte Write Cycle
AT28C16 ATMEL-AT28C16_14 Datasheet
179Kb / 12P
   Self-Timed Byte Write Cycle
logo
Micross Components
AS5SS256K36 MICROSS-AS5SS256K36 Datasheet
798Kb / 17P
   Internally self-timed WRITE cycle
AS5SS256K18 MICROSS-AS5SS256K18 Datasheet
644Kb / 14P
   Interally self-timed WRITE cycle
logo
Cypress Semiconductor
CY7C1325G CYPRESS-CY7C1325G_11 Datasheet
805Kb / 21P
   4-Mbit (256 K x 18) Flow through Sync SRAM Synchronous self timed write
logo
Megawin Technology Co.,...
MG64F237 MEGAWIN-MG64F237 Datasheet
1Mb / 68P
   Flash write/erase cycle
MG64F225 MEGAWIN-MG64F225 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
Integrated Silicon Solu...
IS61C256 ISSI-IS61C256 Datasheet
319Kb / 6P
   WRITE CYCLE SWITCHING CHARACTERISTICS
logo
Motorola, Inc
MCM67B618B MOTOROLA-MCM67B618B Datasheet
120Kb / 11P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM With Burst Counter and Self-Timed Write
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66_12 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM Self?뭪imed Write Cycle with Auto?뭖lear
April, 2012 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com