Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NF-PA-JJ Datasheet(PDF) 4 Page - Hirose Electric

Part # NF-PA-JJ
Description  C15 Type Accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

NF-PA-JJ Datasheet(HTML) 4 Page - Hirose Electric

  NF-PA-JJ Datasheet HTML 1Page - Hirose Electric NF-PA-JJ Datasheet HTML 2Page - Hirose Electric NF-PA-JJ Datasheet HTML 3Page - Hirose Electric NF-PA-JJ Datasheet HTML 4Page - Hirose Electric NF-PA-JJ Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
155
s Non-reflective Terminations
s Circuit Diagram
s Bias Tee
s Impedance Pad ( /4 Conversion)
s Circuit Diagram
Part Number
NF-TMP-P
Frequency Range
DC
~1.5GHz
1.5
~2.0GHz
V.S.W.R.
1.032
1.06
Weight
11g
Power
25mW
Part Number
NF-TMJ-P
Frequency Range
DC
~1.5GHz
1.5
~2.0GHz
V.S.W.R.
1.032
1.06
Weight
13g
Power
25mW
Part Number
NF-TMP-1
Frequency Range
DC
~1.5GHz
1.5
~2.0GHz
V.S.W.R.
1.06
1.12
Weight
10g
Power
25mW
Part Number
HB-NF-PJ
Frequency Range
0.9
~1.5GHz
1.0
~1.35GHz
V.S.W.R.
1.20
1.10
Weight
81g
Power
1W
Insertion Loss
0.4 dB or less
Part Number
HI-NNF-PJ-50/75
Frequency Range
0.9
~1.5GHz
1.0
~1.35GHz
V.S.W.R.
1.25
1.20
Weight
108g
Power
1W
Insertion Loss
0.4 dB or less
qCoupling Portion: 50øN Type Plug - NF Jack
qCoupling Portion: Plug - Jack
qJack Type
qPush-on Plug Type
qPlug Type
NF-J
NF-J
(75ø)
N-P
(50ø)
NF-P
300mA
50V
Max
Soldering
Soldering
Soldering


Similar Part No. - NF-PA-JJ

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NF-PA-JJ HIROSE-NF-PA-JJ Datasheet
413Kb / 5P
   The non-reflective terminators exhibit a high degree of matching of V.S.W.R. 1.12 or less for all products.
More results

Similar Description - NF-PA-JJ

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NF-WR-3 HIROSE-NF-WR-3 Datasheet
584Kb / 9P
   RFCO-AXIAL CONNECTORS(C15 type connectors for satellite broadcasting)
logo
Dubilier
DBCD20418.2 DUBILIER-DBCD20418.2 Datasheet
102Kb / 1P
   SCREWLOCKS D TYPE CONNECTOR ACCESSORIES
logo
List of Unclassifed Man...
CONG1A-A5 ETC2-CONG1A-A5 Datasheet
66Kb / 2P
   General Accessories Plugs Type CONG
logo
Schurter Inc.
8101 SCHURTER-8101_18 Datasheet
327Kb / 4P
   IEC Connector C15, Rewireable, Straight
8101 SCHURTER-8101 Datasheet
461Kb / 3P
   IEC Connector C15, Rewireable, Straight
8101 SCHURTER-8101_V02 Datasheet
339Kb / 4P
   IEC Connector C15, Rewireable, Straight
10.12.2021
8943.W SCHURTER-8943.W Datasheet
196Kb / 2P
   IEC Connector C15 Rewireable, Straight
05.12.2014
8111 SCHURTER-8111_V01 Datasheet
235Kb / 3P
   IEC Connector C15, Rewireable, Angled
05.12.2014
4781 SCHURTER-4781 Datasheet
389Kb / 3P
   IEC Connector C15, Rewireable, Straight
8111 SCHURTER-8111 Datasheet
473Kb / 3P
   IEC Connector C15, Rewireable, Angled
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com