Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61VPS51236B Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61VPS51236B
Description  Internal self-timed write cycle
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61VPS51236B Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61VPS51236B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61VPS51236B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61VPS51236B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61VPS51236B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61VPS51236B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61VPS51236B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61VPS51236B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61VPS51236B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61VPS51236B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
IS61LPS51236B/IS61VPS51236B/IS61VVPS51236B
IS61LPS102418B/IS61VPS102418B/IS61VVPS102418B
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
10/16/2014
4
1024K x 18, 165-Ball BGA (Top View)
1
2
3
4
5
6
7
8
9
10
11
A
NC
A
/CE
/BWb
NC
/CE2
/BWE
/ADSC
/ADV
A
A
B
NC
A
CE2
NC
/BWa
CLK
/GW
/OE
/ADSP
A
NC
C
NC
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
DQPa
D
NC
DQb
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQa
E
NC
DQb
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQa
F
NC
DQb
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQa
G
NC
DQb
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
DQa
H
NC
VSS
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
ZZ
J
DQb
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
NC
K
DQb
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
NC
L
DQb
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
NC
M
DQb
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQa
NC
N
DQPb
NC
VDDQ
VSS
NC
A
NC
VSS
VDDQ
NC
NC
P
NC
NC
A
A
TDI
A1*
TDO
A
A
A
A
R
MODE
NC
A
A
TMS
A0*
TCK
A
A
A
A
Note: A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
PIN DESCRIPTION
Bottom View
165-Ball, 13 mm x 15mm BGA
Symbol
Pin Name
CLK
Synchronous Clock
A0,A1
Synchronous Burst Address Inputs
A
Address Inputs
/ADV
Synchronous Burst Address Advance
/ADSP
Address Status Processor
/ADSC
Address Status Controller
MODE
Burst Sequence Selection
CE, /CE, CE2
Synchronous Chip Enable
/BWE
Byte Write Enable
/BWx (x=a-b)
Synchronous Byte Write Inputs
/GW
Global Write Enable
/OE
Output Enable
DQx
Data Inputs/Outputs
TCK,TDI,
TDO,TMS
JTAG Pins
ZZ
Power Sleep Mode
NC
No Connect
VDD
Power Supply
VDDQ
I/O Power Supply
VSS
Ground


Similar Part No. - IS61VPS51236B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VPS51236A ISSI-IS61VPS51236A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS51236A ISSI-IS61VPS51236A Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
IS61VPS51236A-200B2 ISSI-IS61VPS51236A-200B2 Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS51236A-200B2 ISSI-IS61VPS51236A-200B2 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
IS61VPS51236A-200B2I ISSI-IS61VPS51236A-200B2I Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
More results

Similar Description - IS61VPS51236B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
   Self-Timed Byte Write Cycle
AT28C16 ATMEL-AT28C16_14 Datasheet
179Kb / 12P
   Self-Timed Byte Write Cycle
logo
Micross Components
AS5SS256K36 MICROSS-AS5SS256K36 Datasheet
798Kb / 17P
   Internally self-timed WRITE cycle
AS5SS256K18 MICROSS-AS5SS256K18 Datasheet
644Kb / 14P
   Interally self-timed WRITE cycle
logo
Cypress Semiconductor
CY7C1325G CYPRESS-CY7C1325G_11 Datasheet
805Kb / 21P
   4-Mbit (256 K x 18) Flow through Sync SRAM Synchronous self timed write
logo
Megawin Technology Co.,...
MG64F237 MEGAWIN-MG64F237 Datasheet
1Mb / 68P
   Flash write/erase cycle
MG64F225 MEGAWIN-MG64F225 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
Integrated Silicon Solu...
IS61C256 ISSI-IS61C256 Datasheet
319Kb / 6P
   WRITE CYCLE SWITCHING CHARACTERISTICS
logo
Motorola, Inc
MCM67B618B MOTOROLA-MCM67B618B Datasheet
120Kb / 11P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM With Burst Counter and Self-Timed Write
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66_12 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM Self?뭪imed Write Cycle with Auto?뭖lear
April, 2012 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com