Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61DDSB21M36A Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61DDSB21M36A
Description  Fixed 2-bit burst for read and write operations
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDSB21M36A Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61DDSB21M36A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61DDSB21M36A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDSB21M36A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDSB21M36A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDSB21M36A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDSB21M36A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDSB21M36A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDSB21M36A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61DDSB21M36A Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
IS61DDSB22M18A
IS61DDSB21M36A
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
10/03/2014
6
Power-Up and Power-Down Sequences
The recommendation of voltage apply sequence is : VDD → VDDQ
1)→V
REF
2)→ V
IN
Notes:
VDDQ can be applied concurrently with VDD.
VREF can be applied concurrently with VDDQ.
After power and clock signals are stabilized, device can be ready for normal operation after tKC-Lock cycles. In tKC-
lock cycle period, device initializes internal logics and locks DLL. Depending on /Doff status, locking DLL will be
skipped. The following timing pictures are possible examples of power up sequence.
Sequence1. /Doff is fixed low
After tKC-lock cycle of stable clock, device is ready for normal operation.
Note) All inputs including clocks must be either logically High or Low during Power On stage. Timing above shows only one of cases.
Sequence2. /Doff is controlled and goes high after clock being stable.
Note) All inputs including clocks must be either logically High or Low during Power On stage. Timing above shows only one of cases.
Power On stage
Unstable Clock Period
Stable Clock period
Read to use
K
K#
VDD
VDDQ
VREF
VIN
Power On stage
Unstable Clock Period
Stable Clock period
Read to use
K
K#
Doff#
VDD
VDDQ
VREF
VIN
>tKC-lock for device initialization
>tKC-lock for device initialization


Similar Part No. - IS61DDSB21M36A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB21M18A ISSI-IS61DDB21M18A Datasheet
770Kb / 29P
   Fixed 2-bit burst for read and write operations
IS61DDB21M36-250M3 ISSI-IS61DDB21M36-250M3 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDB21M36A ISSI-IS61DDB21M36A Datasheet
760Kb / 29P
   Clock stop support
IS61DDB22M18 ISSI-IS61DDB22M18 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDB22M18-250M3 ISSI-IS61DDB22M18-250M3 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
More results

Similar Description - IS61DDSB21M36A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDPB24M18A ISSI-IS61QDPB24M18A Datasheet
797Kb / 31P
   Fixed 2-bit burst for read and write operations
IS61DDB21M18A ISSI-IS61DDB21M18A Datasheet
770Kb / 29P
   Fixed 2-bit burst for read and write operations
IS61DDPB24M18B ISSI-IS61DDPB24M18B Datasheet
887Kb / 31P
   Fixed 2-bit burst for read and write operations
logo
ATMEL Corporation
M67204H ATMEL-M67204H_14 Datasheet
1Mb / 4P
   Asynchronous Read/Write Operations
logo
Alliance Semiconductor ...
AS4C32M16MS-7BCN ALSC-AS4C32M16MS-7BCN Datasheet
3Mb / 48P
   Multiple Burst Read with Single Write Operation
logo
List of Unclassifed Man...
DM5489 ETC1-DM5489 Datasheet
158Kb / 3P
   64-BIT READ/WRITE MEMORIES
logo
SPANSION
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
ATMEL Corporation
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
575Kb / 39P
   Read-modify-write Instructions and Atomic Bit Manipulation
logo
Pepperl+Fuchs Inc.
U-P3-RX PF-U-P3-RX Datasheet
361Kb / 3P
   Base for read/write station
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com