Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPT3002DNPT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPT3002DNPT
Description  Light-to-Digital Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPT3002DNPT Datasheet(HTML) 7 Page - Texas Instruments

  OPT3002DNPT Datasheet HTML 1Page - Texas Instruments OPT3002DNPT Datasheet HTML 2Page - Texas Instruments OPT3002DNPT Datasheet HTML 3Page - Texas Instruments OPT3002DNPT Datasheet HTML 4Page - Texas Instruments OPT3002DNPT Datasheet HTML 5Page - Texas Instruments OPT3002DNPT Datasheet HTML 6Page - Texas Instruments OPT3002DNPT Datasheet HTML 7Page - Texas Instruments OPT3002DNPT Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EXAMPLE STENCIL DESIGN
DNP0006A
USON - 0.65 mm max height
PLASTIC SMALL OUTLINE NO-LEAD
4221434/A 03/2014
NOTES: (continued)
6.
Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
www.ti.com


Similar Part No. - OPT3002DNPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3001 TI-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001 TI1-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

Similar Description - OPT3002DNPT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29001 INTERSIL-ISL29001 Datasheet
227Kb / 11P
   Light-to-Digital Sensor
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
278Kb / 11P
   Light-to-Digital Sensor
ISL29001
ISL76683_1103 INTERSIL-ISL76683_1103 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
logo
Intersil Corporation
ISL29002 INTERSIL-ISL29002 Datasheet
196Kb / 10P
   Light-to-Digital I2C Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
logo
Intersil Corporation
ISL29034 INTERSIL-ISL29034_14 Datasheet
387Kb / 15P
   Integrated Digital Light Sensor
April 9, 2014
logo
Everlight Electronics C...
ALS-PDIC17-79NB-TR8 EVERLIGHT-ALS-PDIC17-79NB-TR8_15 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor
logo
ams AG
TSL4531 AMSCO-TSL4531 Datasheet
655Kb / 17P
   DIGITAL AMBIENT LIGHT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com