Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP91200 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMP91200
Description  Configurable AFE for Low-Power Chemical-Sensing Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP91200_16 Datasheet HTML 2Page - Texas Instruments LMP91200_16 Datasheet HTML 3Page - Texas Instruments LMP91200_16 Datasheet HTML 4Page - Texas Instruments LMP91200_16 Datasheet HTML 5Page - Texas Instruments LMP91200_16 Datasheet HTML 6Page - Texas Instruments LMP91200_16 Datasheet HTML 7Page - Texas Instruments LMP91200_16 Datasheet HTML 8Page - Texas Instruments LMP91200_16 Datasheet HTML 9Page - Texas Instruments LMP91200_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LMP91200
SNAS571E – JANUARY 2012 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP91200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified, all limits specified for TA = 25°C. VS = (VDD – GND) = 3.3 V. VREF = 3.3 V.
(1)(2)(3)
PARAMETER
TEST CONDITIONS
MIN(4)
TYP(5)
MAX(4)
UNIT
(12) VCMHI voltage average drift is determined by dividing the change in VCMHI at the temperature extremes by the total temperature
change.
(13) VCMHI_acc vs. VREF is determined by dividing the change in VCMHI_acc at the VREF extremes by the total VREF change.
VCM BUFFER
VCMHI_acc
VCMHI accuracy
–1.6
1.6
mV
Tc_VCMHI
VCMHI temperature
coefficient(9)(12)
–40°C < TA < 125°C
–18
–5
8
µV/°C
VCMHI_acc_VREF VCMHI_acc vs. VREF(9)(13)
1.8 V < VREF < 5 V
–500
–100
300
µV/V
RoutVCMHI
VCMHI Output Impedance(9)
VCMHI = 1/2 VREF
250
K
AolVCM
Open-loop Gain(6)
VCMHI = 1/2 VREF, 300
mV < VCM < VDD – 300
mV
120
dB
at the temperature
extremes
90
VosVCM
(VCM – VCMHI)(6)
VCMHI = 1/2 VREF
–200
200
µV
at the temperature
extremes
–350
350
TcVosVCM
Input offset voltage drift
(VCM-VCMHI)(8)(9)
VCMHI = 1/2 VREF
–2.5
2.5
µV/°C
ZoutVCM
Output Impedance(9)
f = 1 KHz
4
PSRRVCM
DC_Power supply rejection
ratio
1.8 V < VDD < 5 V,
VCMHI = 1/2 VREF
80
dB
En_RMSVCM
Input referred noise (low
frequency)(9)
Integrated 0.1 Hz to 10 Hz
2.6
µVPP
enVCM
Input referred noise (high
frequency)(9)
f = 1 KHz
90
nV/
√Hz
IscVCM
Output short circuit
current(11)
Sourcing, Vout to GND
VCMHI = 1/2 VREF
16
mA
at the temperature
extremes
10
Sinking, Vout to VDD
VCMHI = 1/2 VREF
12
at the temperature
extremes
8


Similar Part No. - LMP91200_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP91200MT TI1-LMP91200MT Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
LMP91200MTX TI1-LMP91200MTX Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
More results

Similar Description - LMP91200_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
[Old version datasheet]   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
54F175DMQB TI-54F175DMQB Datasheet
1Mb / 23P
[Old version datasheet]   LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com