Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP90100 Datasheet(PDF) 54 Page - Texas Instruments

Part # LMP90100
Description  Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100 Datasheet(HTML) 54 Page - Texas Instruments

Back Button LMP90100_16 Datasheet HTML 50Page - Texas Instruments LMP90100_16 Datasheet HTML 51Page - Texas Instruments LMP90100_16 Datasheet HTML 52Page - Texas Instruments LMP90100_16 Datasheet HTML 53Page - Texas Instruments LMP90100_16 Datasheet HTML 54Page - Texas Instruments LMP90100_16 Datasheet HTML 55Page - Texas Instruments LMP90100_16 Datasheet HTML 56Page - Texas Instruments LMP90100_16 Datasheet HTML 57Page - Texas Instruments LMP90100_16 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 74 page
background image
54
LMP90100, LMP90099, LMP90098, LMP90097
SNAS510S – JANUARY 2011 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LMP90100 LMP90099 LMP90098 LMP90097
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Register Address (hex):
(a) CH0: 0x21
(b) CH1: 0x23
(c) CH2: 0x25
(d) CH3: 0x27
(e) CH4: 0x29
(f) CH5: 0x2B
(g) CH6: 0x2D
Table 31. CHx_CONFIG: Channel Configuration (CH4 to CH6 LMP90100/LMP90099 Only)(1)
Bit
Bit Symbol
Bit Description
7
Reserved
-
[6:4]
ODR_SEL
ODR Select
0x0: 13.42 / 8 = 1.6775 SPS
0x1: 13.42 / 4 = 3.355 SPS
0x2: 13.42 / 2 = 6.71 SPS
0x3: 13.42 SPS
0x4: 214.65 / 8 = 26.83125 SPS
0x5: 214.65 / 4 = 53.6625 SPS
0x6: 214.65 / 2 = 107.325 SPS
0x7(default): 214.65 SPS
[3:1]
GAIN_SEL
Gain Select
0x0 (default): 1 (FGA OFF)
0x1: 2 (FGA OFF)
0x2: 4 (FGA OFF)
0x3: 8 (FGA OFF)
0x4: 16 (FGA ON)
0x5: 32 (FGA ON)
0x6: 64 (FGA ON)
0x7: 128 (FGA ON)
0
BUF_EN
Enable/Disable the buffer
0 (default): Exclude the buffer in the signal path
1: Include the buffer from the signal path
Note: When gain
≥ 16, the buffer is automatically included in the signal path irrespective of this bit.
Table 32. CHX_SCAL_OFFSET: CH0 to CH3 System Calibration Offset Registers (Two's Complement)
ADDR
NAME
DESCRIPTION
CH0
CH1
CH2
CH3
0x30
0x38
0x40
0x48
CHx_SCAL_OFFSETH
System Calibration Offset Coefficient Data [23:16]
0x31
0x39
0x41
0x49
CHx_SCAL_OFFSETM
System Calibration Offset Coefficient Data [15:8]
0x32
0x3A
0x42
0x4A
CHx_SCAL_OFFSETL
System Calibration Offset Coefficient Data[7:0]
Table 33. CHX_SCAL_GAIN: CH0 to CH3 System Calibration Gain Registers (Fixed Point 1.23 Format)
ADDR
NAME
DESCRIPTION
CH0
CH1
CH2
CH3
0x33
0x3B
0x43
0x4B
CHx_SCAL_GAINH
System Calibration Gain Coefficient Data [23:16]
0x34
0x3C
0x44
0x4C
CHx_SCAL_GAINM
System Calibration Gain Coefficient Data [15:8]
0x35
0x3D
0x45
0x4D
CHx_SCAL_GAINL
System Calibration Gain Coefficient Data[7:0]


Similar Part No. - LMP90100_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90100 TI1-LMP90100_13 Datasheet
1Mb / 69P
[Old version datasheet]   LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
More results

Similar Description - LMP90100_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90100 NSC-LMP90100 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low Power 24-Bit
logo
Texas Instruments
LMP91000 TI1-LMP91000_14 Datasheet
628Kb / 31P
[Old version datasheet]   Sensor AFE System
LMP90100 TI1-LMP90100 Datasheet
1Mb / 63P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP91002 TI1-LMP91002 Datasheet
509Kb / 21P
[Old version datasheet]   Sensor AFE System: Configurable AFE Potentiostat
LMP91002 TI1-LMP91002_16 Datasheet
1Mb / 31P
[Old version datasheet]   Sensor AFE System
logo
National Semiconductor ...
LMP90080 NSC-LMP90080 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90100 TI1-LMP90100_13 Datasheet
1Mb / 69P
[Old version datasheet]   LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
[Old version datasheet]   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com