Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP90077 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMP90077
Description  Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90077 Datasheet(HTML) 3 Page - Texas Instruments

  LMP90077_16 Datasheet HTML 1Page - Texas Instruments LMP90077_16 Datasheet HTML 2Page - Texas Instruments LMP90077_16 Datasheet HTML 3Page - Texas Instruments LMP90077_16 Datasheet HTML 4Page - Texas Instruments LMP90077_16 Datasheet HTML 5Page - Texas Instruments LMP90077_16 Datasheet HTML 6Page - Texas Instruments LMP90077_16 Datasheet HTML 7Page - Texas Instruments LMP90077_16 Datasheet HTML 8Page - Texas Instruments LMP90077_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
3
LMP90077, LMP90078, LMP90079, LMP90080
www.ti.com
SNAS521H – JULY 2011 – REVISED JANUARY 2016
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
5 Description (continued)
Another feature of the LMP9007x and LMP90080 is continuous background sensor diagnostics, allowing the
detection of open and short circuit conditions and out-of-range signals, without requiring user intervention,
resulting in enhanced system reliability.
Two sets of independent external reference voltage pins allow multiple ratiometric measurements. In addition,
two matched programmable current sources are available in the LMP90080/LMP90078 to excite external sensors
such as resistive temperature detectors and bridge sensors. Furthermore, seven GPIO pins are provided for
interfacing to external LEDs and switches to simplify control across an isolation barrier.
Collectively, these features make the LMP90080/LMP90079/LMP90078/LMP90077 complete analog front-ends
for low-power, precision sensor applications such as temperature, pressure, strain gauge, and industrial process
control. The LMP90080/LMP90079/LMP90078/LMP90077 are ensured over the extended temperature range of -
40°C to +125°C and are available in a 28-pin package with an exposed pad.
6 Device Comparison Table
LM90xxx 16-BIT SENOR AFE FAMILY OF PRODUCTS
DEVICE NUMBER
CHANNEL CONFIGURATION
CURRENT SOURCES
LMP90080
4 Differential/7 Single-Ended
Yes
LMP90079
LMP90078
2 Differential/4 Single-Ended
LMP90077


Similar Part No. - LMP90077_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90077MH TI-LMP90077MH Datasheet
1Mb / 64P
[Old version datasheet]   Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
logo
National Semiconductor ...
LMP90077MH/NOPB NSC-LMP90077MH/NOPB Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90077MHE TI-LMP90077MHE Datasheet
1Mb / 64P
[Old version datasheet]   Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
logo
National Semiconductor ...
LMP90077MHE/NOPB NSC-LMP90077MHE/NOPB Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90077MHENOPB TI-LMP90077MHENOPB Datasheet
1Mb / 64P
[Old version datasheet]   Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
More results

Similar Description - LMP90077_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP90080 NSC-LMP90080 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
[Old version datasheet]   Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
National Semiconductor ...
LMP90100 NSC-LMP90100 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low Power 24-Bit
logo
Texas Instruments
LMP90100 TI1-LMP90100 Datasheet
1Mb / 63P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP91000 TI1-LMP91000_14 Datasheet
628Kb / 31P
[Old version datasheet]   Sensor AFE System
LMP91002 TI1-LMP91002 Datasheet
509Kb / 21P
[Old version datasheet]   Sensor AFE System: Configurable AFE Potentiostat
LMP91002 TI1-LMP91002_16 Datasheet
1Mb / 31P
[Old version datasheet]   Sensor AFE System
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   Multi-Channel 16-Bit Sensor AFE with Background Calibration
LMP90100 TI1-LMP90100_13 Datasheet
1Mb / 69P
[Old version datasheet]   LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90077 TI-LMP90077 Datasheet
1Mb / 64P
[Old version datasheet]   Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com