Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5053VAQLPGMQ1 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5053VAQLPGMQ1
Description  Automotive Analog-Bipolar Hall Effect Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5053VAQLPGMQ1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV5053VAQLPGMQ1 Datasheet HTML 8Page - Texas Instruments DRV5053VAQLPGMQ1 Datasheet HTML 9Page - Texas Instruments DRV5053VAQLPGMQ1 Datasheet HTML 10Page - Texas Instruments DRV5053VAQLPGMQ1 Datasheet HTML 11Page - Texas Instruments DRV5053VAQLPGMQ1 Datasheet HTML 12Page - Texas Instruments DRV5053VAQLPGMQ1 Datasheet HTML 13Page - Texas Instruments DRV5053VAQLPGMQ1 Datasheet HTML 14Page - Texas Instruments DRV5053VAQLPGMQ1 Datasheet HTML 15Page - Texas Instruments DRV5053VAQLPGMQ1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
2
1
3
C1
0.01 µF
(minimum)
OUT
VCC
VCC
DRV5053-Q1
SLIS154A – DECEMBER 2014 – REVISED DECEMBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The DRV5053-Q1 device is used in magnetic-field sensing applications.
8.2 Typical Applications
8.2.1 Typical Application With No Filter
Figure 12. Typical Application Schematic – No Filter
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 2 as the input parameters.
Table 2. Design Parameters
DESIGN PARAMETER
REFERENCE
EXAMPLE VALUE
System bandwidth
ƒBW
15 kHz
8.2.1.2 Detailed Design Procedure
The DRV5053-Q1 has internal filtering that limits the bandwidth to at least 20 kHz. For this application no
external components are required other than the C1 bypass capacitor, which is 0.01 µF minimum. If the analog
output OUT is tied to a microcontroller ADC input, the equivalent load must be R > 10 k
Ω and C < 10 nF.
Table 3. External Components
COMPONENT
PIN 1
PIN 2
RECOMMENDED
C1
VCC
GND
A 0.01-µF (minimum) ceramic capacitor rated for VCC
12
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DRV5053-Q1


Similar Part No. - DRV5053VAQLPGMQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053VAQLPGM TI1-DRV5053VAQLPGM Datasheet
1Mb / 25P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
More results

Similar Description - DRV5053VAQLPGMQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053-Q1 TI-DRV5053-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
DRV5053 TI1-DRV5053 Datasheet
1Mb / 25P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
DRV5053 TI-DRV5053_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
   BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
   Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
   Bipolar Hall-Effect Position Sensor
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
   Bipolar Hall-Effect Position Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
   Bipolar Hall-Effect Digital Position Sensor ICs
logo
Texas Instruments
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com