Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61DDB21M36A Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61DDB21M36A
Description  Clock stop support
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDB21M36A Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61DDB21M36A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61DDB21M36A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61DDB21M36A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDB21M36A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDB21M36A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDB21M36A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDB21M36A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDB21M36A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDB21M36A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
IS61DDB22M18A
IS61DDB21M36A
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
10/02/2014
5
The write data is provided in a ‘late write’ mode; that is, the data-in corresponding to the first address of the burst, is
presented one cycle later or at the rising edge of the following K clock. The data-in corresponding to the second write
burst address follows next, registered by the rising edge of K#.
The data-in provided for writing is initially kept in write buffers. The information on these buffers is written into the array
on the third write cycle. A read cycle to the last two write address produces data from the write buffers. Similarly, a
read address followed by the same write address produces the latest write data. The SRAM maintains data coherency.
During a write, the byte writes independently control which byte of any of the two burst addresses is written (see
X18/X36 Write Truth Tables and Timing Reference Diagram for Truth Table).
Whenever a write is disabled (R/W# is high at the rising edge of K), data is not written into the memory.
RQ Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin on the SRAM and VSS to enable the SRAM to adjust
its output driver impedance. The value of RQ must be 5x the value of the intended line impedance driven by the
SRAM. For example, an RQ of 250Ω results in a driver impedance of 50Ω. The allowable range of RQ to guarantee
impeda
nce matching is between 175Ω and 350Ω at V
DDQ=1.5V. The RQ resistor should be placed less than two inches
away from the ZQ ball on the SRAM module. The capacitance of the loaded ZQ trace must be less than 7.5pF.
The ZQ pin can also be directly connected to V
DDQ
to obtain a minimum impedance setting. ZQ should not be
connected to V
SS
.
Programmable Impedance and Power-Up Requirements
Periodic readjustment of the output driver impedance is necessary as the impedance is greatly affected by drifts in
supply voltage and temperature. During power-up, the driver impedance is in the middle of allowable impedances
values. The final impedance value is achieved within 1024clock cycles.
Clock Consideration
This device uses an internal DLL for maximum output data valid window. It can be placed in a stopped-clock mode to
minimize power and requires only 1024 cycles to restart. No clocks can be issued until VDD reaches its allowable
operating range.
Single Clock Mode
This device can be also operated in single-clock mode. In this case, C and C# are both connected high at power-up
and must never change. Under this condition, K and K# control the output timings. Either clock pair must have both
polarities switching and must never connect to VREF, as they are not differential clocks.
Delay Locked Loop (DLL)
Delay Lock Loop (DLL) is a new system to align the output data coincident with clock rising or falling edge to enhance
the output valid timing characteristics. It is locked to the clock frequency and is constantly adjusted to match the clock
frequency. Therefore device can have stable output over the temperature and voltage variation.
DLL has a limitation of locking range and jitter adjustment which are specified as tKHKH and tKCvar respectively in the
AC timing characteristics. In order to turn this feature off, applying logic low to the Doff# pin will bypass this. In the DLL
off mode, the device behaves with one cycle latency and a longer access time which is known in DDR-I or legacy
QUAD mode.
The DLL can also be reset without power down by toggling Doff# pin low to high or stopping the input clocks K and K#
for a minimum of 30ns.(K and K# must be stayed either at higher than VIH or lower than VIL level. Remaining Vref is
not permitted.) DLL reset must be issued when power up or when clock frequency changes abruptly. After DLL being
reset, it gets locked after 2048 cycles of stable clock.


Similar Part No. - IS61DDB21M36A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB21M36-250M3 ISSI-IS61DDB21M36-250M3 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
More results

Similar Description - IS61DDB21M36A

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
EZ80F915005MODG ZILOG-EZ80F915005MODG Datasheet
581Kb / 22P
   Real-time clock support
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
logo
Microchip Technology
MCP4802 MICROCHIP-MCP4802_15 Datasheet
1Mb / 50P
   SPI Interface with 20 MHz Clock Support
01/27/15
logo
Rohm
BU90T82 ROHM-BU90T82 Datasheet
853Kb / 28P
   Support clock frequency from 10MHz up to 174MHz
BU90R102 ROHM-BU90R102 Datasheet
821Kb / 29P
   Support clock frequency from 8MHz up to 160MHz
logo
Semtech Corporation
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
logo
Texas Instruments
DS90CR288AMTDX TI-DS90CR288AMTDX Datasheet
1Mb / 24P
[Old version datasheet]   20 to 85 MHz Shift Clock Support, 50% Duty Cycle on Receiver Output Clock
logo
Cypress Semiconductor
CY22313 CYPRESS-CY22313 Datasheet
159Kb / 9P
   Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
logo
Analog Devices
LTC6953 AD-LTC6953 Datasheet
747Kb / 56P
   Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
logo
Cypress Semiconductor
CY29940 CYPRESS-CY29940_11 Datasheet
392Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com