Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NX-09T-KT9 Datasheet(PDF) 2 Page - Hirose Electric

Part No. NX-09T-KT9
Description  I/O Card Interface Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

NX-09T-KT9 Datasheet(HTML) 2 Page - Hirose Electric

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
B9
I/O cable
sMaterials
B
Applicable Cable
Item
Material
Finish
Remarks
Receptacle
Plug unit
Plug cover
Frame kit
Insulator
Contacts
Body
Insulator
Contacts
Cover
Body
Frame
Spring pin
Coil spring
Panel
Thermoplastic Compound
Copper alloy
Stain less
Thermoplastic Compound
Copper alloy
Thermoplastic Compound
Stainless Steel
Thermoplastic Compound
Phosphor bronze
Stainless steel
Stainless steel
Stainless steel
Black
Selective gold plating
Solder Plating
Black
Selective gold plating
Black
-
Black
Gold Plating
-
-
UL94V-0
----
----
----
UL94V-0
----
UL94V-0
----
----
----
----
----
AWG # 28(7/0.127)
0.58mm
0.62mm
UL20276 and
UL2789
UL2990
Conductor size
Cable style
Jacket outer
diameter
Frame ground
terminal
With thermal
adhesive tape
sOrdering Information
NX 60 T A - 15 S AA 9 - SP
1
2
3
11
8
6
5
7
9
qReceptacle
NX 30 T A - 15 P AA
1
2
3
4
6
5
7
qPlug
NX - 15 T A - CV
1
1
5
3
11
10
qPlug Covers
NX - 15 T - KT 9 (05)
5
3
8
12
10
qFrame Kits
1
NX T - P (05)
3
10
12
1
NX - 32 T - P (05)
5
3
10
12
qPanel (For 9, 15, or 25 contacts)
(For 32 contacts)
Serise name : NX
Termination style
30 : IDC termination (for fine wire)
60 : SMT type
Lock
T : Inner lock
Applicable Conductor
A : AWG #28
Number of contacts : 9, 15, 25, 32
Connector type
P : Plug
S : Receptacle
Polarizing
AA : AA type
Serial number by type
Panel finish
No symbol : Silver matt finish
(05) : Dull Processing material
Variations
SP : Compliant mounting bracket(for cards use) SH : Through hole
Types of accessories
CV : Vertical opening cover case
CV1 : Vertical opening cover case(Thin 5 mm thinclness type)
KT : Frame kit
K : Frame
P : Panel (For Type2card)
PA : Panel (For Type1card)
BS : Bushing
CSA : Coil spring
CSB : Coil spring
Offset
9 : 0.9 mm
3 : 0.3 mm
None : On Board Type
(Dimension from connector center line to the surface of the PCB)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn