Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NX-09T-KT9 Datasheet(PDF) 1 Page - Hirose Electric

Part No. NX-09T-KT9
Description  I/O Card Interface Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

NX-09T-KT9 Datasheet(HTML) 1 Page - Hirose Electric

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
B8
I/O Card Interface Connectors
NX Series
1. Low Profile
Protorusion above the PCB board is only 2.9mm, and the
connectors can be mounted to type I and II I/O cards.
2. EMI/RFI protection
Full metal shielding. Shield connects first, ahead of
contacts.
3. ESD Secure
Thermoplastic molded covers assures insulation
of the connections and shields from ESD.
4. Secure Latching
A built-in latch assures correct and secure
mating of connector.
5. Reliable Conductor Termination
Reliable
termination
of
conductors
is
accomplished by proven IDC termination.
6. Sequential Mating
The 0.8mm pitch contacts are engaging the
corresponding parts in sequence: Ground-
Power & Signal
7. Rugged Construction
Securely attached to the board with optional
screws.
8. Card Frame Kits
Available as a separate part number.
9. Secure Attachment to Frame Kit.
Compliant mounting bracket attaches the
connectore directly to the frame kit.
sFeatures
sSpecifications
100 V DC
300 V AC / 1 minute
100 mA
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
2 hours in each of the 3 directions.
96 hours at temperature of 60ç and humidity of 90% to 95%
-55ç, 30 min./15 to 30ç, within 5 min/85ç, 30 min
/15 to 35ç, within 5 min, for 5 cycles
3000 cycles
Reflow: At the recommended temperature profile
Manual soldering: 300ç for 3 seconds
250 M ohms min.
No flashover or insulation breakdown.
40 m ohms max.
No electrical discontinuity of 10µs or
more
Insulation resistance: 100 M ohms min.
No damage, cracks, or parts looseness.
60 m ohms max.
No deformation of components affecting
performance.
1. Insulation resistance
2. Withstanding voltage
3. Contact resistance
4. Vibration
5. Humidity (Steady state)
6. Temperature cycle
7. Durability
(Insertion/withdrawal)
8. Resistance to
Soldering heat
Ratings
0.5 A
125 V AC
Current rating
Voltage rating
Operating temperature
-30ç to +70ç (Note 1)
Operating humidity
95% R.H. or less
(No condensation)
Storage temperature range -10ç to +60ç (Note 2)
Storage humidity range
40 to 70% (Note 2)
Item
Specification
Conditions
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature
Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during
transportation.
Used with I/O cards, portable personal computers,and the external connections of various small-sized portable
terminals.
sApplications


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn