Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS49NLC18320A Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS49NLC18320A
Description  Reduced cycle time
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS49NLC18320A Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS49NLC18320A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS49NLC18320A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS49NLC18320A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS49NLC18320A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS49NLC18320A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS49NLC18320A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS49NLC18320A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS49NLC18320A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS49NLC18320A Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
IS49NLC96400A, IS49NLC18320A, IS49NLC36160A
Integrated Silicon Solution, Inc.
– www.issi.com –
Rev. 00A, 9/10/2014
6
VDDQ
Supply
DQ power supply: Nominally, 1.5V or 1.8V. Isolated on the device for improved noise immunity.
VEXT
Supply
Power supply: Nominally, 2.5V.
VSS
Supply
Ground.
VSSQ
Supply
DQ ground: Isolated on the device for improved noise immunity.
VTT
Supply
Power supply: Isolated termination supply. Nominally, VDDQ/2.
A22
-
Reserved for future use: This signal is not connected and can be connected to ground.
DNU
-
Do not use: These balls may be connected to ground. Note that if ODT is enabled, these pins are High-Z.
NF
-
No function: These balls can be connected to ground.


Similar Part No. - IS49NLC18320A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49NLC18320 ISSI-IS49NLC18320 Datasheet
629Kb / 34P
   576Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
More results

Similar Description - IS49NLC18320A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0462355004 MOLEX6-0462355004 Datasheet
169Kb / 2P
   Micro-Fit 3.0??High Mating Cycle, Reduced Mating Force, Crimp Terminal
logo
ATMEL Corporation
TK5561A-PP ATMEL-TK5561A-PP Datasheet
252Kb / 10P
   READ/WRITE CRYPTO TRANSPONDER FOR SHORT CYCLE TIME
logo
Micron Technology
MT40A1G8WE-075E MICRON-MT40A1G8WE-075E Datasheet
11Mb / 358P
   Refresh time of 8192-cycle at TC temperature range
logo
Molex Electronics Ltd.
0462355003 MOLEX6-0462355003 Datasheet
169Kb / 2P
   Micro-Fit 3.0 High Mating Cycle, Reduced Mating Force, Crimp Terminal, Female, with 0.38um
logo
Maxim Integrated Produc...
MAX35103 MAXIM-MAX35103 Datasheet
1Mb / 67P
   Reduced Power Time-to-Digital Converter with AFE, RTC, and Flash
Rev 1; 1/15
logo
Pentair plc. All rights...
742 PENTAIR-742 Datasheet
232Kb / 2P
   TIME CLOCK CONTROL WITH FULLY PROGRAMMABLE CYCLE TIMES AND SALT AMOUNT
logo
Molex Electronics Ltd.
0462355002 MOLEX6-0462355002 Datasheet
169Kb / 2P
   Micro-Fit 3.0 High Mating Cycle, Reduced Mating Force, Crimp Terminal, Female, with .0.76um (30u")
logo
Unisonic Technologies
UC2000DG-AG6-R UTC-UC2000DG-AG6-R Datasheet
202Kb / 5P
   Cycle-by-Cycle current limiting
logo
Dubilier
DXT493 DUBILIER-DXT493 Datasheet
173Kb / 1P
   REDUCED HEIGHT
logo
Unisonic Technologies
UD38251G-SH2-R UTC-UD38251G-SH2-R Datasheet
274Kb / 7P
   Cycle-by-Cycle Over Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com