Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5013BCQLPGQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5013BCQLPGQ1
Description  Automotive Digital-Latch Hall Effect Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5013BCQLPGQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV5013BCQLPGQ1 Datasheet HTML 4Page - Texas Instruments DRV5013BCQLPGQ1 Datasheet HTML 5Page - Texas Instruments DRV5013BCQLPGQ1 Datasheet HTML 6Page - Texas Instruments DRV5013BCQLPGQ1 Datasheet HTML 7Page - Texas Instruments DRV5013BCQLPGQ1 Datasheet HTML 8Page - Texas Instruments DRV5013BCQLPGQ1 Datasheet HTML 9Page - Texas Instruments DRV5013BCQLPGQ1 Datasheet HTML 10Page - Texas Instruments DRV5013BCQLPGQ1 Datasheet HTML 11Page - Texas Instruments DRV5013BCQLPGQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Temperature
Compensation
Bias
+
±
Regulated Supply
Reference
Gate
Drive
OCP
VCC
OUT
GND
2.7 to 38 V
R1
C2
(Optional)
C1
Hall Element
8
DRV5013-Q1
SLIS162B – DECEMBER 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DRV5013-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The DRV5013-Q1 device is a chopper-stabilized Hall sensor with a digital latched output for magnetic sensing
applications. The DRV5013-Q1 device can be powered with a supply voltage between 2.7 and 38 V, and
continuously survives continuous –22-V reverse-battery conditions. The DRV5013-Q1 device does not operate
when –22 to 2.4 V is applied to the VCC pin (with respect to the GND pin). In addition, the device can withstand
voltages up to 40 V for transient durations.
The field polarity is defined as follows: a south pole near the marked side of the package is a positive magnetic
field. A north pole near the marked side of the package is a negative magnetic field.
The output state is dependent on the magnetic field perpendicular to the package. A south pole near the marked
side of the package causes the output to pull low (operate point, BOP), and a north pole near the marked side of
the package causes the output to release (release point, BRP). Hysteresis is included in between the operate
point and the release point therefore magnetic-field noise does not accidentally trip the output.
An external pullup resistor is required on the OUT pin. The OUT pin can be pulled up to VCC, or to a different
voltage supply. This allows for easier interfacing with controller circuits.
7.2 Functional Block Diagram


Similar Part No. - DRV5013BCQLPGQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013BCQLPGQ1 TI1-DRV5013BCQLPGQ1 Datasheet
1Mb / 35P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
More results

Similar Description - DRV5013BCQLPGQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013 TI1-DRV5013_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013 TI1-DRV5013_V01 Datasheet
1Mb / 33P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI-DRV5013-Q1_15 Datasheet
969Kb / 27P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_V01 Datasheet
1Mb / 35P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
DRV5013 TI-DRV5013_15 Datasheet
966Kb / 27P
[Old version datasheet]   DRV5013 Digital-Latch Hall Effect Sensor
DRV5015-Q1 TI1-DRV5015-Q1 Datasheet
574Kb / 25P
[Old version datasheet]   Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
[Old version datasheet]   Ultra-Low-Power Digital-Latch Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com