Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDRV5023FIEDBZRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Part # PDRV5023FIEDBZRQ1
Description  Automotive Digital-Switch Hall Effect Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PDRV5023FIEDBZRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PDRV5023FIEDBZRQ1 Datasheet HTML 2Page - Texas Instruments PDRV5023FIEDBZRQ1 Datasheet HTML 3Page - Texas Instruments PDRV5023FIEDBZRQ1 Datasheet HTML 4Page - Texas Instruments PDRV5023FIEDBZRQ1 Datasheet HTML 5Page - Texas Instruments PDRV5023FIEDBZRQ1 Datasheet HTML 6Page - Texas Instruments PDRV5023FIEDBZRQ1 Datasheet HTML 7Page - Texas Instruments PDRV5023FIEDBZRQ1 Datasheet HTML 8Page - Texas Instruments PDRV5023FIEDBZRQ1 Datasheet HTML 9Page - Texas Instruments PDRV5023FIEDBZRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Supply Voltage (V)
0
10
20
30
40
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
D003
DRV5023BI
DRV5023AJ
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
150
2
3
4
5
6
7
D004
DRV5023AJ
DRV5023BI
Supply Voltage (V)
0
10
20
30
40
4
6
8
10
12
14
16
D001
DRV5023AJ
DRV5023BI
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
150
4
6
8
10
12
14
16
D002
DRV5023AJ
DRV5023BI
Supply Voltage (V)
0
10
20
30
40
2
2.5
3
3.5
D009
TA
±
ƒ&
TA = 25°C
TA = 75°C
TA = 125°C
TA = 150°C
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
150
2
2.5
3
3.5
D010
VCC = 3.3 V
VCC = 13.2 V
VCC = 38 V
6
DRV5023-Q1
SLIS163C – DECEMBER 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DRV5023-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
TA > 125°C data is valid for Grade 0 devices only (E, see Figure 23)
Figure 1. ICC vs VCC
Figure 2. ICC vs Temperature
TA = 25°C
Figure 3. BOP vs VCC
VCC = 3.3 V
Figure 4. BOP vs Temperature
TA = 25°C
Figure 5. BRP vs VCC
VCC = 3.3 V
Figure 6. BRP vs Temperature


Similar Part No. - PDRV5023FIEDBZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PDRV5023FAQDBZR TI1-PDRV5023FAQDBZR Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
More results

Similar Description - PDRV5023FIEDBZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5033-Q1 TI1-DRV5033-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5023-Q1 TI-DRV5023-Q1_15 Datasheet
966Kb / 26P
[Old version datasheet]   DRV5023-Q1 Automotive Digital-Switch Hall Effect Sensor
DRV5023 TI1-DRV5023_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Switch Hall Effect Sensor
DRV5021-Q1 TI1-DRV5021-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive, low-voltage, unipolar, digital-switch hall effect sensor
DRV5033-Q1 TI-DRV5033-Q1_15 Datasheet
967Kb / 26P
[Old version datasheet]   DRV5033-Q1 Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Latch Hall Effect Sensor
DRV5023 TI-DRV5023_15 Datasheet
963Kb / 26P
[Old version datasheet]   DRV5023 Digital-Switch Hall Effect Sensor
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033 TI-DRV5033_15 Datasheet
965Kb / 26P
[Old version datasheet]   DRV5033 Digital-Omnipolar-Switch Hall Effect Sensor
DRV5013-Q1 TI-DRV5013-Q1_15 Datasheet
969Kb / 27P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com