Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS49FL004T-33JCE Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS49FL004T-33JCE
Description  4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS49FL004T-33JCE Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS49FL004T-33JCE Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
IS49FL004T
Integrated Silicon Solution, Inc.- www.issi.com
3
Rev. A1
9/19/2013
CONNECTION DIAGRAMS
FWH
LPC
A/A Mux
4
3
2
1
32
31
30
A/A Mux
LPC
FWH
GPI1
GPI1
A7
5
29
IC
IC
IC
GPI0
GPI0
A6
6
28
GND
GND
GND
WP#
TBL#
ID3
ID2
WP#
TBL#
RES
RES
A5
7
A4
8
A3
9
A2
10
27
NC
26
NC
25
VCC
24
OE#
NC
NC
VCC
INIT#
NC
NC
VCC
INIT#
ID1
RES
A1
11
23
WE#
LFRAME# FWH4
ID0
FWH0
RES
LAD0
A0
I/O0
12
13
14
15
16
17
22
21
18
19
20
NC
I/O7
NC
RES
NC
RES
32-PIN PLCC
FWH
LPC
A/A Mux
A/A Mux
LPC
FWH
NC
NC
NC
1
32
OE#
INIT#
INIT#
NC
NC
NC
2
31
WE#
LFRAME# FWH4
NC
NC
NC
3
30
NC
NC
NC
GND
GND
GND
4
29
I/O7
RES
RES
IC
IC
IC
5
28
I/O6
RES
RES
GPI4
GPI4
A10
6
27
I/O5
RES
RES
CLK
CLK
R/C#
7
26
I/O4
RES
RES
V
CC
V
CC
V
CC
8
25
I/O3
LAD3
FWH3
NC
NC
NC
9
24
GND
GND
GND
RST#
RST#
RST#
10
23
I/O2
LAD2
FWH2
GPI3
GPI3
A9
11
22
I/O1
LAD1
FWH1
GPI2
GPI2
A8
12
21
I/O0
LAD0
FWH0
GPI1
GPI1
A7
13
20
A0
RES
ID0
GPI0
GPI0
A6
14
19
A1
RES
ID1
WP#
WP#
A5
15
18
A2
RES
ID2
TBL#
TBL#
A4
16
17
A3
RES
ID3
32-PIN (8mm x 14mm) VSOP


Similar Part No. - IS49FL004T-33JCE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49NLC18160 ISSI-IS49NLC18160 Datasheet
622Kb / 34P
   288Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
IS49NLC18320 ISSI-IS49NLC18320 Datasheet
629Kb / 34P
   576Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
IS49NLC18320A ISSI-IS49NLC18320A Datasheet
980Kb / 36P
   Reduced cycle time
IS49NLC36160 ISSI-IS49NLC36160 Datasheet
629Kb / 34P
   576Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
IS49NLC36160A ISSI-IS49NLC36160A Datasheet
980Kb / 36P
   Reduced cycle time
More results

Similar Description - IS49FL004T-33JCE

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
   2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
AMIC Technology
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B Datasheet
460Kb / 39P
   4 Mbit LPC Firmware Flash
SST49LF004B SST-SST49LF004B_10 Datasheet
1Mb / 36P
   4 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_06 Datasheet
491Kb / 36P
   4 Mbit Firmware Hub
logo
STMicroelectronics
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
   1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT26F004 ATMEL-AT26F004_08 Datasheet
724Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com