Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5053EAQDBZTQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5053EAQDBZTQ1
Description  Automotive Analog-Bipolar Hall Effect Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5053EAQDBZTQ1 Datasheet(HTML) 3 Page - Texas Instruments

  DRV5053EAQDBZTQ1 Datasheet HTML 1Page - Texas Instruments DRV5053EAQDBZTQ1 Datasheet HTML 2Page - Texas Instruments DRV5053EAQDBZTQ1 Datasheet HTML 3Page - Texas Instruments DRV5053EAQDBZTQ1 Datasheet HTML 4Page - Texas Instruments DRV5053EAQDBZTQ1 Datasheet HTML 5Page - Texas Instruments DRV5053EAQDBZTQ1 Datasheet HTML 6Page - Texas Instruments DRV5053EAQDBZTQ1 Datasheet HTML 7Page - Texas Instruments DRV5053EAQDBZTQ1 Datasheet HTML 8Page - Texas Instruments DRV5053EAQDBZTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
2
3
V
CC
GND
OUT
3
2
GND
OUT
1
VCC
DRV5053-Q1
www.ti.com
SLIS154A – DECEMBER 2014 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
For additional configuration information, see Device Markings and Mechanical, Packaging, and Orderable
Information.
DBZ Package
LPG Package
3-Pin SOT-23
3-Pin TO-92
Top View
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DBZ
LPG
GND
3
2
GND
Ground pin
2.7 to 38 V power supply. Bypass this pin to the GND pin with a 0.01-
μF (minimum)
VCC
1
1
Power
ceramic capacitor rated for VCC.
OUT
2
3
Output
Hall sensor analog output. 1 V output corresponds to B = 0 mT
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DRV5053-Q1


Similar Part No. - DRV5053EAQDBZTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053EAQDBZT TI1-DRV5053EAQDBZT Datasheet
1Mb / 25P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
More results

Similar Description - DRV5053EAQDBZTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053-Q1 TI-DRV5053-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
DRV5053 TI1-DRV5053 Datasheet
1Mb / 25P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
DRV5053 TI-DRV5053_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
   BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
   Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
   Bipolar Hall-Effect Position Sensor
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
   Bipolar Hall-Effect Position Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
   Bipolar Hall-Effect Digital Position Sensor ICs
logo
Texas Instruments
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com