Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX1BL-32T-KT3B Datasheet(PDF) 6 Page - Hirose Electric

Part # NX1BL-32T-KT3B
Description  Simple Assembly Type PC Card Frame Kits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

NX1BL-32T-KT3B Datasheet(HTML) 6 Page - Hirose Electric

  NX1BL-32T-KT3B Datasheet HTML 1Page - Hirose Electric NX1BL-32T-KT3B Datasheet HTML 2Page - Hirose Electric NX1BL-32T-KT3B Datasheet HTML 3Page - Hirose Electric NX1BL-32T-KT3B Datasheet HTML 4Page - Hirose Electric NX1BL-32T-KT3B Datasheet HTML 5Page - Hirose Electric NX1BL-32T-KT3B Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
B7
B
Frame Kit Assembly Process
Assembly Process Figure 1
Mount the connectors(68-contact connectors,
back connectors) and other parts to the
printed circuit board (PCB).
NOTE :The procedure for the IC9 Series (suited to the
68-contact connectors and card bus) is to mount
the connector body, then insert the ground plate
and fasten the lead portion by hand.
Assembly Process Figure 2
Insert the PCB mounting part to panel B
(frame press fitting item).
Assembly Process Figure 3
Use the assembly jig (described below) to
insert panel A. (Press fit + lock)
Assembly Process Figure 4
Assembled item
Assembly Process Figure 5
Affix the label to the indented portion of the panel.
NOTE :Hirose Electric Co. Ltd. will not provide label services.
(Please refer to the Recommended Label Dimensions
Diagram of Page 2.)
Assembly Jig
(The photograph shows the hand press model.)
Panel B
Panel A
Part Number
NX1-/CVCK-MP
NX1-/CVCK-MP(01)
CL No.
902-3530-7
902-3530-7(01)
Classification
Without hand press
With hand press
PCB
68-Contact connector
Back connector


Similar Part No. - NX1BL-32T-KT3B

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NX1 HIROSE-NX1 Datasheet
316Kb / 6P
   Simple Assembly Type PC Card Frame Kits
logo
NIHON DEMPA KOGYO
NX1008AA NDK-NX1008AA Datasheet
778Kb / 1P
   For OA / AV / Short-range Wireless
logo
Nexperia B.V. All right...
NX1029X NEXPERIA-NX1029X Datasheet
1Mb / 20P
   60 / 50 V, 330 / 170 mA N/P-channel Trench MOSFET
logo
NXP Semiconductors
NX1029X PHILIPS-NX1029X_15 Datasheet
975Kb / 20P
   60 / 50 V, 330 / 170 mA N/P-channel Trench MOSFET
Rev. 1-12 August 2011
NX1117 NXP-NX1117 Datasheet
13Mb / 24P
   DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Similar Description - NX1BL-32T-KT3B

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NX1 HIROSE-NX1 Datasheet
316Kb / 6P
   Simple Assembly Type PC Card Frame Kits
logo
FCI connector
74233 FCI-CONNECTOR-74233 Datasheet
295Kb / 3P
   PLUG KITS ASSEMBLY
logo
Hammond Manufacturing L...
MHK3 HAMMOND-MHK3 Datasheet
61Kb / 1P
   Type 4, 4X Handle Kits
logo
Advantech Co., Ltd.
DMS-ST06 ADVANTECH-DMS-ST06_15 Datasheet
430Kb / 2P
   15.6"/18.5" Open Frame PC
logo
Extech Instruments Corp...
407732-KIT EXTECH-407732-KIT Datasheet
147Kb / 1P
   Type 2 Sound Level Meter Kits
logo
Advantech Co., Ltd.
DMS-SA16 ADVANTECH-DMS-SA16_15 Datasheet
399Kb / 2P
   15.6"/18.5" Open Frame PC
logo
Maxim Integrated Produc...
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
   Starter Kits
logo
Maxim Integrated Produc...
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com