Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS46R32800F Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS46R32800F
Description  Auto Precharge
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46R32800F Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS46R32800F Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46R32800F Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46R32800F Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46R32800F Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46R32800F Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46R32800F Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46R32800F Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46R32800F Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46R32800F Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Integrated Silicon Solution, Inc.
1
Rev. 0A
03/24/2014
Copyright © 2014 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without
notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest
version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reason-
ably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications
unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
IS43R83200F
IS43/46R16160F, IS43/46R32800F
FEATURES
• VDDandVDDQ:2.5V±0.2V
• SSTL_2compatibleI/O
• Double-dataratearchitecture;twodatatransfers
per clock cycle
• Bidirectional,datastrobe(DQS)istransmitted/
received with data, to be used in capturing data
at the receiver
• DQSisedge-alignedwithdataforREADsand
centre-alignedwithdataforWRITEs
• Differentialclockinputs(CKandCK)
• DLLalignsDQandDQStransitionswithCK
transitions
CommandsenteredoneachpositiveCKedge;data
anddatamaskreferencedtobothedgesofDQS
• Fourinternalbanksforconcurrentoperation
• DataMaskforwritedata.DMmaskswritedata
at both rising and falling edges of data strobe
• BurstLength:2,4and8
• BurstType:SequentialandInterleavemode
• ProgrammableCASlatency:2,2.5and3
• AutoRefreshandSelfRefreshModes
• AutoPrecharge
• TRASLockoutsupported(tRAP = tRCD)
OPTIONS
• Configuration(s):8Mx32,16Mx16,32Mx8
• Package(s):
144BallBGA(x32)
66-pinTSOP-II(x8,x16)and60BallBGA(x8,x16)
• Lead-freepackageavailable
• TemperatureRange:
Commercial(0°Cto+70°C)
Industrial(-40°Cto+85°C)
Automotive,A1(-40°Cto+85°C)
Automotive,A2(-40°Cto+105°C)
8Mx32, 16Mx16, 32Mx8
256Mb DDR SDRAM
PRELIMINARY INFORMATION
MARCH 2014
DEVICE OVERVIEW
ISSI’s256-MbitDDRSDRAMachieveshighspeeddata
transfer using pipeline architecture and two data word
accessesperclockcycle.The268,435,456-bitmemory
arrayisinternallyorganizedasfourbanksof64Mbto
allowconcurrentoperations.ThepipelineallowsRead
and Write burst accesses to be virtually continuous, with
theoptiontoconcatenateortruncatethebursts.The
programmable features of burst length, burst sequence
andCASlatencyenablefurtheradvantages.Thedevice
isavailablein8-bit,16-bitand32-bitdatawordsize
InputdataisregisteredontheI/Opinsonbothedges
ofDataStrobesignal(s),whileoutputdataisreferenced
tobothedgesofDataStrobeandbothedgesofCLK.
CommandsareregisteredonthepositiveedgesofCLK.
AnAutoRefreshmodeisprovided,alongwithaSelf
Refreshmode.AllI/OsareSSTL_2compatible.
KEY TIMING PARAMETERS
Speed Grade
-5
-6
Units
FCkMaxCL=3
200
167
MHz
FCkMaxCL=2.5
167
167
MHz
FCkMaxCL=2
133
133
MHz
ADDRESS TABLE
Parameter
8M x 32
16M x 16
32M x 8
Configuration
2Mx32x4
banks
4Mx16x4
banks
8Mx8x4
banks
BankAddress
Pins
BA0,BA1
BA0,BA1
BA0,BA1
Autoprecharge
Pins
A8/AP
A10/AP
A10/AP
RowAddress
4K(A0–A11) 8K(A0–A12) 8K(A0–A12)
Column
Address
512(A0–A7,
A9)
512(A0–A8) 1K(A0–A9)
RefreshCount
Com./Ind./A1
A2
4K/64ms
4K/16ms
8K/64ms
8K/16ms
8K/64ms


Similar Part No. - IS46R32800F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46R32800D-6BLA1 ISSI-IS46R32800D-6BLA1 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
More results

Similar Description - IS46R32800F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32800 ISSI-IS42S32800 Datasheet
1Mb / 62P
   Concurrent auto precharge
logo
Alliance Semiconductor ...
AS4C128M8D1-6TIN ALSC-AS4C128M8D1-6TIN Datasheet
1Mb / 57P
   Concurrent auto precharge option is supported
AS4C32M32MD1 ALSC-AS4C32M32MD1 Datasheet
1Mb / 43P
   Automatic and Controlled Precharge Command
logo
Tyco Electronics
V23700-C0001-A408 MACOM-V23700-C0001-A408 Datasheet
1Mb / 4P
   Automotive Relays, High Voltage Precharge Relays
logo
Integrated Silicon Solu...
IS42S32800J ISSI-IS42S32800J Datasheet
1Mb / 60P
   Internal bank for hiding row access/precharge
IS42VS16400L ISSI-IS42VS16400L Datasheet
717Kb / 56P
   Internal bank for hiding row access/precharge
IS42R86400D ISSI-IS42R86400D Datasheet
1Mb / 66P
   Internal bank for hiding row access/precharge
IS42S16402J ISSI-IS42S16402J Datasheet
1Mb / 61P
   Internal bank for hiding row access/precharge
logo
Toshiba Semiconductor
TD6304AP TOSHIBA-TD6304AP Datasheet
414Kb / 10P
   AUTO REVERSE & AUTO EJECT PLUNGER DRIVER
logo
National Semiconductor ...
LMC669 NSC-LMC669 Datasheet
465Kb / 14P
   AUTO-ZERO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com