Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDC1101DRCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LDC1101DRCR
Description  1.8-V High-Resolution, High-Speed Inductance-to-Digital Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC1101DRCR Datasheet(HTML) 3 Page - Texas Instruments

  LDC1101DRCR Datasheet HTML 1Page - Texas Instruments LDC1101DRCR Datasheet HTML 2Page - Texas Instruments LDC1101DRCR Datasheet HTML 3Page - Texas Instruments LDC1101DRCR Datasheet HTML 4Page - Texas Instruments LDC1101DRCR Datasheet HTML 5Page - Texas Instruments LDC1101DRCR Datasheet HTML 6Page - Texas Instruments LDC1101DRCR Datasheet HTML 7Page - Texas Instruments LDC1101DRCR Datasheet HTML 8Page - Texas Instruments LDC1101DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
1
3
SDO/INTB
4
CLKIN
SCLK
5
INB
6
INA
7
GND
8
VDD
9
SDI
CLDO
10
2
CSB
DAP
3
LDC1101
www.ti.com
SNOSD01C – MAY 2015 – REVISED FEBRUARY 2016
Product Folder Links: LDC1101
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
P= Power, G=Ground, I=Input, O=Output, A=Analog
(2)
There is an internal electrical connection between the exposed Die Attach Pad (DAP) and the GND pin of the device. Although the DAP
can be left floating, for best performance the DAP must be connected to the same potential as the GND pin of the device. Do not use
the DAP as the primary ground for the device. The device GND pin must always be connected to ground.
6 Pin Configuration and Functions
DRC Package
10-Pin VSON
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
CLDO
10
P
Internal LDO bypassing pin. A 15-nF capacitor must be connected from this pin to GND.
CLKIN
2
I
External time-base clock Input
CSB
5
I
SPI CSB. Multiple devices can be connected on the same SPI bus and CSB can be used to uniquely
select desired device
DAP
Connect to ground for improved thermal performance(2)
GND
8
G
Ground
INA
7
A
External LC tank – connected to external LC tank
INB
6
A
External LC tank – connected to external LC tank
SCLK
3
I
SPI clock input
SDI
4
I
SPI data input – connect to MOSI of SPI master
SDO/INTB
1
O
SPI data output/INTB – Connect to MISO of SPI master. When CSB is high, this pin is High-Z.
Alternatively, this pin can be configured to function as INTB
VDD
9
P
Power supply


Similar Part No. - LDC1101DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1101 TI-LDC1101_15 Datasheet
1Mb / 54P
[Old version datasheet]   LDC1101 1.8 V High-Resolution, High-Speed Inductance-to-Digital Converter
More results

Similar Description - LDC1101DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1101 TI-LDC1101_15 Datasheet
1Mb / 54P
[Old version datasheet]   LDC1101 1.8 V High-Resolution, High-Speed Inductance-to-Digital Converter
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com