Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5033AJQLPGQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5033AJQLPGQ1
Description  Automotive Digital-Omnipolar-Switch Hall Effect Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5033AJQLPGQ1 Datasheet(HTML) 3 Page - Texas Instruments

  DRV5033AJQLPGQ1 Datasheet HTML 1Page - Texas Instruments DRV5033AJQLPGQ1 Datasheet HTML 2Page - Texas Instruments DRV5033AJQLPGQ1 Datasheet HTML 3Page - Texas Instruments DRV5033AJQLPGQ1 Datasheet HTML 4Page - Texas Instruments DRV5033AJQLPGQ1 Datasheet HTML 5Page - Texas Instruments DRV5033AJQLPGQ1 Datasheet HTML 6Page - Texas Instruments DRV5033AJQLPGQ1 Datasheet HTML 7Page - Texas Instruments DRV5033AJQLPGQ1 Datasheet HTML 8Page - Texas Instruments DRV5033AJQLPGQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
2
3
V
CC
GND
OUT
3
2
GND
OUT
1
VCC
3
DRV5033-Q1
www.ti.com
SLIS164C – DECEMBER 2014 – REVISED FEBRUARY 2016
Product Folder Links: DRV5033-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
For additional configuration information, see Device Markings and Mechanical, Packaging, and Orderable
Information.
DBZ Package
3-Pin SOT-23
Top View
LPG Package
3-Pin TO-92
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DBZ
LPG
GND
3
2
GND
Ground pin
OUT
2
3
Output
Hall sensor open-drain output. The open drain requires a resistor pullup.
VCC
1
1
PWR
2.7 to 38 V power supply. Bypass this pin to the GND pin with a 0.01-µF (minimum)
ceramic capacitor rated for VCC.


Similar Part No. - DRV5033AJQLPGQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5033AJQLPG TI1-DRV5033AJQLPG Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033AJQLPGM TI1-DRV5033AJQLPGM Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
More results

Similar Description - DRV5033AJQLPGQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033-Q1 TI-DRV5033-Q1_15 Datasheet
967Kb / 26P
[Old version datasheet]   DRV5033-Q1 Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033 TI-DRV5033_15 Datasheet
965Kb / 26P
[Old version datasheet]   DRV5033 Digital-Omnipolar-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
   MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
AH180 DIODES-AH180 Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
logo
Texas Instruments
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
logo
Honeywell Solid State E...
SL353 HONEYWELL-SL353 Datasheet
386Kb / 6P
   Micropower Omnipolar Digital Hall-Effect Sensor ICs
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131_13 Datasheet
142Kb / 4P
   Omnipolar Hall Effect Switch IC
logo
Diodes Incorporated
AH1913 DIODES-AH1913 Datasheet
402Kb / 10P
   ULTRA HIGH SENSITIVITY DIGITAL OMNIPOLAR HALL-EFFECT SWITCH
March 2019 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com