Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDC1000YPAT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # HDC1000YPAT
Description  Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HDC1000YPAT Datasheet(HTML) 11 Page - Texas Instruments

Back Button HDC1000YPAT Datasheet HTML 7Page - Texas Instruments HDC1000YPAT Datasheet HTML 8Page - Texas Instruments HDC1000YPAT Datasheet HTML 9Page - Texas Instruments HDC1000YPAT Datasheet HTML 10Page - Texas Instruments HDC1000YPAT Datasheet HTML 11Page - Texas Instruments HDC1000YPAT Datasheet HTML 12Page - Texas Instruments HDC1000YPAT Datasheet HTML 13Page - Texas Instruments HDC1000YPAT Datasheet HTML 14Page - Texas Instruments HDC1000YPAT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
HDC1000
www.ti.com
SNAS643C – JULY 2014 – REVISED JANUARY 2016
Product Folder Links: HDC1000
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.5 Programming
8.5.1 I2C Serial Bus Address Configuration
To communicate with the HDC1000, the master must first address slave devices via a slave address byte. The
slave address byte consists of seven address bits and a direction bit that indicates the intent to execute a read or
write operation. The HDC1000 features two address pins to allow up to 4 devices to be addressed on a single
bus. Table 1 describes the pin logic levels used to properly connect up to 4 devices. The state of the ADR0 and
ADR1 pins is sampled on every bus communication and should be set before any activity on the interface
occurs. The address pin is read at the start of each communication event.
Table 1. HDC1000 ADDRESS
ADR1
ADR0
ADDRESS (7-bit address)
0
0
1000000
0
1
1000001
1
0
1000010
1
1
1000011
8.5.2 I2C Interface
The HDC1000 operates only as a slave device on the I2C bus interface. It is not allowed to have on the I2C bus
multiple devices with the same address. Connection to the bus is made via the open-drain I/O lines, SDA, and
SCL. The SDA and SCL pins feature integrated spike-suppression filters and Schmitt triggers to minimize the
effects of input spikes and bus noise. After power-up, the sensor needs at most 15 ms, to be ready to start RH
and temperature measurement. During this power-up time the HDC1000 is only able to provide the content of the
serial number registers (0xFB to 0xFF) if requested. After the power-up the sensor is in the sleep mode until a
communication or measurement is performed. All data bytes are transmitted MSB first.
8.5.2.1 Serial Bus Address
To communicate with the HDC1000, the master must first address slave devices via a slave address byte. The
slave address byte consists of seven address bits, and a direction bit that indicates the intent to execute a read
or write operation.
8.5.2.2 Read and Write Operations
Access a particular register on the HDC1000 by writing the appropriate value to the Pointer Register. The pointer
value is the first byte transferred after the slave address byte with the R/W bit low. Every write operation to the
HDC1000 requires a value for the pointer register (refer to Figure 10).
When reading from the HDC1000, the last value stored in the pointer by a write operation is used to determine
which register is read by a read operation. To change the pointer register for a read operation, a new value must
be written to the pointer. This transaction is accomplished by issuing the slave address byte with the R/W bit low,
followed by the pointer byte. No additional data is required (refer to Figure 11).
The master can then generate a START condition and send the slave address byte with the R/W bit high to
initiate the read command. Note that register bytes are sent MSB first, followed by the LSB. A write operation in
a read-only register such as (DEVICE ID, MANUFACTURER ID, SERIAL ID) returns a NACK after each data
byte; read/write operation to unused address returns a NACK after the pointer; a read/write operation with
incorrect I2C address returns a NACK after the I2C address.


Similar Part No. - HDC1000YPAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results

Similar Description - HDC1000YPAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI1-HDC1050 Datasheet
1Mb / 27P
[Old version datasheet]   Low Power High Accuracy Digital Humidity Sensor
HDC1008 TI1-HDC1008 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1050 TI1-HDC1050_15 Datasheet
871Kb / 25P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010_16 Datasheet
254Kb / 8P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor
HDC3020 TI-HDC3020 Datasheet
1Mb / 51P
[Old version datasheet]   HDC302x High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com