Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5033AJEDBZTQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5033AJEDBZTQ1
Description  Automotive Digital-Omnipolar-Switch Hall Effect Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5033AJEDBZTQ1 Datasheet(HTML) 4 Page - Texas Instruments

  DRV5033AJEDBZTQ1 Datasheet HTML 1Page - Texas Instruments DRV5033AJEDBZTQ1 Datasheet HTML 2Page - Texas Instruments DRV5033AJEDBZTQ1 Datasheet HTML 3Page - Texas Instruments DRV5033AJEDBZTQ1 Datasheet HTML 4Page - Texas Instruments DRV5033AJEDBZTQ1 Datasheet HTML 5Page - Texas Instruments DRV5033AJEDBZTQ1 Datasheet HTML 6Page - Texas Instruments DRV5033AJEDBZTQ1 Datasheet HTML 7Page - Texas Instruments DRV5033AJEDBZTQ1 Datasheet HTML 8Page - Texas Instruments DRV5033AJEDBZTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
DRV5033-Q1
SLIS164C – DECEMBER 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DRV5033-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Ensured by design. Only tested to –20 V.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power supply voltage
VCC
–22(2)
40
V
Voltage ramp rate (VCC), VCC < 5 V
Unlimited
V/µs
Voltage ramp rate (VCC), VCC > 5 V
0
2
Output pin voltage
–0.5
40
V
Output pin reverse current during reverse supply condition
0
100
mA
Magnetic flux density, BMAX
Unlimited
Operating junction temperature, TJ
Q, see Figure 23
–40
150
°C
E, see Figure 23
–40
17
Storage temperature, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2500
V
Charged-device model (CDM), per AEC Q100-011
±500
(1)
Power dissipation and thermal limits must be observed
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Power supply voltage
2.7
38
V
VO
Output pin voltage (OUT)
0
38
V
ISINK
Output pin current sink (OUT)(1)
0
30
mA
TA
Operating ambient
temperature
Q, see Figure 23
–40
125
°C
E, see Figure 23
–40
150
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
DRV5033-Q1
UNIT
DBZ (SOT-23)
LPG (TO-92)
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
333.2
180
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
99.9
98.6
°C/W
RθJB
Junction-to-board thermal resistance
66.9
154.9
°C/W
ψJT
Junction-to-top characterization parameter
4.9
40
°C/W
ψJB
Junction-to-board characterization parameter
65.2
154.9
°C/W


Similar Part No. - DRV5033AJEDBZTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5033AJQDBZR TI1-DRV5033AJQDBZR Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033AJQDBZT TI1-DRV5033AJQDBZT Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033AJQLPG TI1-DRV5033AJQLPG Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033AJQLPGM TI1-DRV5033AJQLPGM Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
More results

Similar Description - DRV5033AJEDBZTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033-Q1 TI-DRV5033-Q1_15 Datasheet
967Kb / 26P
[Old version datasheet]   DRV5033-Q1 Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033 TI-DRV5033_15 Datasheet
965Kb / 26P
[Old version datasheet]   DRV5033 Digital-Omnipolar-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
   MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
AH180 DIODES-AH180 Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
logo
Texas Instruments
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
logo
Honeywell Solid State E...
SL353 HONEYWELL-SL353 Datasheet
386Kb / 6P
   Micropower Omnipolar Digital Hall-Effect Sensor ICs
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131_13 Datasheet
142Kb / 4P
   Omnipolar Hall Effect Switch IC
logo
Diodes Incorporated
AH1913 DIODES-AH1913 Datasheet
402Kb / 10P
   ULTRA HIGH SENSITIVITY DIGITAL OMNIPOLAR HALL-EFFECT SWITCH
March 2019 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com