Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5033AJEDBZRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5033AJEDBZRQ1
Description  Automotive Digital-Omnipolar-Switch Hall Effect Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5033AJEDBZRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV5033AJEDBZRQ1 Datasheet HTML 4Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 5Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 6Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 7Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 8Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 9Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 10Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 11Page - Texas Instruments DRV5033AJEDBZRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Temperature
Compensation
Bias
+
±
Regulated Supply
Reference
Gate
Drive
OCP
VCC
OUT
GND
2.7 to 38 V
R1
C2
(Optional)
C1
Hall Element
8
DRV5033-Q1
SLIS164C – DECEMBER 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DRV5033-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The DRV5033-Q1 device is a chopper-stabilized hall sensor with a digital omnipolar switch output for magnetic
sensing applications. The DRV5033-Q1 device can be powered with a supply voltage between 2.7 and 38 V, and
will survive –22 V reverse battery conditions continuously. Note that the DRV5033-Q1 device will not be
operating when about –22 to 2.4 V is applied to VCC (with respect to GND). In addition, the device can withstand
voltages up to 40 V for transient durations.
The field polarity is defined as follows: a south pole near the marked side of the package is a positive magnetic
field. A north pole near the marked side of the package is a negative magnetic field.
The omnipolar configuration allows the hall sensor to respond to either a south or north pole. A strong magnetic
field of either polarity will cause the output to pull low (operate point, BOP), and a weaker magnetic field will cause
the output to release (release point, BRP). Hysteresis is included in between the operate and release points, so
magnetic field noise will not trip the output accidentally.
An external pullup resistor is required on the OUT pin. The OUT pin can be pulled up to VCC, or to a different
voltage supply. This allows for easier interfacing with controller circuits.
7.2 Functional Block Diagram


Similar Part No. - DRV5033AJEDBZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5033AJQDBZR TI1-DRV5033AJQDBZR Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033AJQDBZT TI1-DRV5033AJQDBZT Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033AJQLPG TI1-DRV5033AJQLPG Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033AJQLPGM TI1-DRV5033AJQLPGM Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
More results

Similar Description - DRV5033AJEDBZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033-Q1 TI-DRV5033-Q1_15 Datasheet
967Kb / 26P
[Old version datasheet]   DRV5033-Q1 Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033 TI-DRV5033_15 Datasheet
965Kb / 26P
[Old version datasheet]   DRV5033 Digital-Omnipolar-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
   MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
AH180 DIODES-AH180 Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
logo
Texas Instruments
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
logo
Honeywell Solid State E...
SL353 HONEYWELL-SL353 Datasheet
386Kb / 6P
   Micropower Omnipolar Digital Hall-Effect Sensor ICs
logo
Winson Semiconductor Co...
WSH131 WINSON-WSH131_13 Datasheet
142Kb / 4P
   Omnipolar Hall Effect Switch IC
logo
Diodes Incorporated
AH1913 DIODES-AH1913 Datasheet
402Kb / 10P
   ULTRA HIGH SENSITIVITY DIGITAL OMNIPOLAR HALL-EFFECT SWITCH
March 2019 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com