Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5013ADQDBZRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5013ADQDBZRQ1
Description  Automotive Digital-Latch Hall Effect Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5013ADQDBZRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV5013ADQDBZRQ1 Datasheet HTML 2Page - Texas Instruments DRV5013ADQDBZRQ1 Datasheet HTML 3Page - Texas Instruments DRV5013ADQDBZRQ1 Datasheet HTML 4Page - Texas Instruments DRV5013ADQDBZRQ1 Datasheet HTML 5Page - Texas Instruments DRV5013ADQDBZRQ1 Datasheet HTML 6Page - Texas Instruments DRV5013ADQDBZRQ1 Datasheet HTML 7Page - Texas Instruments DRV5013ADQDBZRQ1 Datasheet HTML 8Page - Texas Instruments DRV5013ADQDBZRQ1 Datasheet HTML 9Page - Texas Instruments DRV5013ADQDBZRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Supply Voltage (V)
0
10
20
30
40
0
2
4
6
8
10
12
14
D001
DRV5013AD
DRV5013AG
DRV5013BC
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
150
0
2
4
6
8
10
12
14
D002
DRV5013AD
DRV5013AG
DRV5013BC
Supply Voltage (V)
0
10
20
30
40
2
2.5
3
3.5
D009
TA
±
ƒ&
TA = 25°C
TA = 75°C
TA = 125°C
TA = 150°C
Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
150
2
2.5
3
3.5
D010
VCC = 3.3 V
VCC = 13.2 V
VCC = 38 V
6
DRV5013-Q1
SLIS162B – DECEMBER 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DRV5013-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Magnetic Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT(1)
DRV5013BC: 12 / –12 mT
BOP
Operate point; see Figure 12
6
12
18
mT
BRP
Release point; see Figure 12
–18
–12
–6
mT
Bhys
Hysteresis; Bhys = (BOP – BRP)
24
mT
BO
Magnetic offset; BO = (BOP + BRP) / 2
–1.5
0
1.5
mT
6.8 Typical Characteristics
TA > 125°C data is valid for Grade 0 devices only (E, see Figure 23)
Figure 1. ICC vs VCC
Figure 2. ICC vs Temperature
TA = 25°C
Figure 3. BOP vs VCC
VCC = 3.3 V
Figure 4. BOP vs Temperature


Similar Part No. - DRV5013ADQDBZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013ADQDBZRQ1 TI1-DRV5013ADQDBZRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
More results

Similar Description - DRV5013ADQDBZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013 TI1-DRV5013_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013 TI1-DRV5013_V01 Datasheet
1Mb / 33P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI-DRV5013-Q1_15 Datasheet
969Kb / 27P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_V01 Datasheet
1Mb / 35P
[Old version datasheet]   DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
DRV5013 TI-DRV5013_15 Datasheet
966Kb / 27P
[Old version datasheet]   DRV5013 Digital-Latch Hall Effect Sensor
DRV5015-Q1 TI1-DRV5015-Q1 Datasheet
574Kb / 25P
[Old version datasheet]   Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Switch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
[Old version datasheet]   Ultra-Low-Power Digital-Latch Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com